Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1010-RTY1 Datasheet(PDF) 41 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 41 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 37Page - Texas Instruments CC1010-RTY1 Datasheet HTML 38Page - Texas Instruments CC1010-RTY1 Datasheet HTML 39Page - Texas Instruments CC1010-RTY1 Datasheet HTML 40Page - Texas Instruments CC1010-RTY1 Datasheet HTML 41Page - Texas Instruments CC1010-RTY1 Datasheet HTML 42Page - Texas Instruments CC1010-RTY1 Datasheet HTML 43Page - Texas Instruments CC1010-RTY1 Datasheet HTML 44Page - Texas Instruments CC1010-RTY1 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 150 page
background image
CC1010
SWRS047A
Page 41 of 146
0
1
2
126
127
128
129
130
190
191
192
193
194
222
223
224
225
226
238
239
240
241
242
246
247
248
249
250
251
252
253
254
255
0x7FFF
0x7E00
0x7C00
0x7800
0x7000
0x6000
0x4000
0x0000
Page 0 is locked when BBLOCK is cleared
Figure 6. Flash Lock Bits illustration
15.12.9 Read Lock Bits
The lock bits described in the previous
section can be read through the SPI
interface by using the Read Lock Bits
instruction. The instruction will return the 8
lock bits in byte 4 of the instruction.
Wait at least 9
⋅ T
XOSC between the last
negative transition on SCK for byte 3
before issuing the first positive edge on
SCK
for byte 4 to receive valid data, as
with
the
Read
Program
Memory
instruction.
The lock bits can only be read through the
SPI interface, and not from the 8051 core.
15.12.10 Read Signature Byte
A 6 byte chip signature can be read
through the SPI interface using the Read
Signature Byte instruction. The 3 bit
signature byte address is issued, and the
value is then returned as byte 4.
Signature
byte address
Value
Meaing
000
0x7F
001
0x7F
010
0x7F
011
0x9E
JEDEC manufacturer
ID, identifies Chipcon
AS as the
manufacturer.
100
0x95
Identifies 32 kBytes
of Flash memory
101
0x00
Identifies
CC1010
Table 19. Signature Bytes
Wait at least 9
⋅ T
XOSC between the last
negative transition on SCK for byte 3
before issuing the first positive edge on
SCK
for byte 4 to receive valid data, as
with
the
Read
Program
Memory
instruction.
15.12.11 SPI Flash Programming
Initialisation
CC1010 must be set into the Flash
programming mode to allow SPI Flash
operations. This is done as follows:
Apply power between all DVDD and
DGND
pins.
Hold PROG low.
If a crystal is connected between
XOSC_Q1
and XOSC_Q2, hold RESET
low and wait for the oscillator to start
up. Crystal oscillator start-up times are
given in Table 10. Release RESET
and wait at least 4 crystal oscillator
periods.
If a crystal is not connected between
XOSC_Q1
and XOSC_Q2, hold RESET
low and apply a clock signal to
XOSC_Q1
. Release
RESET
after at
least 3 clock periods, and then wait at
least 4 clock periods.
Execute
the
Programming
Enable
instruction to complete the SPI Flash
programming Initialisation.
CC1010 is now ready to be programmed, as
described in the next section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com