Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK-RPS-150PS Datasheet(PDF) 5 Page - Extreme Networks.

Part # STK-RPS-150PS
Description  Scalable Cost-Effective Campus Edge Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

STK-RPS-150PS Datasheet(HTML) 5 Page - Extreme Networks.

  STK-RPS-150PS Datasheet HTML 1Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 2Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 3Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 4Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 5Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 6Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 7Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 8Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 9Page - Extreme Networks. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Switch Hardware
Ports
X440-G2-48t-10GE4-DC
• 48 x 10/100/1000BASE-T (RJ-45)
• 4 x 1GBASE-X SFP (unpopulated) combo ports
• 2 x 1GbE copper combo ports upgradable to 10GbE on rear-panel
• 4 x 1GBASE-X SFP (unpopulated rear-panel ports) upgradeable to 10Gb Ethernet via licensing
• 1 x Serial (console port RJ-45) with RTS/CTS modem control
• 1 x 10/100/1000BASE-T out-of-band management port
• 2 x 7 RPS port
X440-G2-24x-10GE4
• 24 x SFP (unpopulated)
• 4 x 10/100/1000 combo ports
• 4 x 1GBASE-X SFP (unpopulated rear-panel ports) upgradeable to 10Gb Ethernet via licensing
• 1 x Serial (console port RJ-45) with RTS/CTS modem control
• 1 x 10/100/1000BASE-T out-of-band management port
• 2 x 7 RPS port
Weights and Dimensions
Switch Model
Weight
Height
Width
Depth
X440-G2-12t-10GE4
2.64 kg (5.82 lb.)
43.94 mm (1.73in.)
305.05 mm (12.01 in.)
261.11 mm (10.28 in.)
X440-G2-24t-10GE4
3.66 kg (8.07 lb.)
43.94 mm (1.73 in.)
440.94mm (17.36 in.)
254.25 mm (10.01 in.)
X440-G2-48t-10GE4
5.09 kg (11.22 lb.)
43.94 mm (1.73 in.)
440.94mm (17.36 in.)
368.55 mm (14.51 in.)
X440-G2-12p-10GE4
3.02 kg (6.66 lb.)
43.94 mm (1.73 in.)
305.05 mm (12.01 in.)
261.11 mm (10.28 in.)
X440-G2-24p-10GE4
4.28 kg (9.44 lb.)
43.94 mm (1.73 in.)
440.94mm (17.36 in.)
254.25 mm (10.01 in.)
X440-G2-48p-10GE4
6.60 kg (14.55 lb.)
43.94 mm (1.73 in.)
440.94mm (17.36 in.)
368.55 mm (14.51 in.)
X440-G2-24t-10GE4-DC
3.66 kg (8.07 lb.)
43.94 mm (1.73 in.)
440.94mm (17.36 in.)
254.25 mm (10.01 in.)
X440-G2-48t-10GE4-DC
5.08kg (11.20 lb.)
43.94 mm (1.73 in.)
440.94mm (17.36 in.)
368.55 mm (14.51 in.)
X440-G2-24x-10GE4
3.73 kg (8.22 lb.)
43.94 mm (1.73 in.)
440.94mm (17.36 in.)
254.25 mm (10.01 in.)
X440-G2-24fx-GE4
3.93 kg (8.66 lb.)
43.94 mm (1.73 in.)
440.94mm (17.36 in.)
254.25 mm (10.01 in.)
X440-G2-12t8fx-GE4
2.95 kg (6.50 lb.)
43.94 mm (1.73 in.)
305.05 mm (12.01 in.)
261.11 mm (10.28 in.)
X440-G2-24t-GE4
3.62 kg (7.98 lb.)
43.94 mm (1.73 in.)
440.94mm (17.36 in.)
254.25 mm (10.01 in.)
 
 
 
 
 
 
 
www.extremenetworks.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com