Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK-RPS-150PS Datasheet(PDF) 10 Page - Extreme Networks.

Part # STK-RPS-150PS
Description  Scalable Cost-Effective Campus Edge Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

STK-RPS-150PS Datasheet(HTML) 10 Page - Extreme Networks.

Back Button STK-RPS-150PS Datasheet HTML 6Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 7Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 8Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 9Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 10Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 11Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 12Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 13Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 14Page - Extreme Networks. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Switch Model
Acoustic Information
Bystander Sound Pressure*
Declared Sound Power (LWAD)*
X440-G2-48t-10GE4-DC
37.9 dB(A)
5.4 bels
X440-G2-24x-10GE4
26.8 dB(A)
4.0 bels
X440-G2-24fx-GE4
24.7 dB(A)
3.9 bels
X440-G2-12t8fx-GE4
23.3 dB(A)
4.0 bels
X440-G2-24t-GE4
28.1 dB(A)
4.3 bels
* At 25°C and 50% PoE load where applicable
External Redundant Power Supplies For Non-PoE Switches
All X440-G2 Series non-PoE switches ship with one fixed internal power supply. If redundancy is required, an external RPS can be
attached to the switch.
Model Number
Description
RPS-90
External redundant power supply Unit 90W with cable for X440-G2-12t-10GE4, power cord ordered separately, order 10947
C5 to C14 Converter to utilize a C13 power cord.
STK-RPS-150PS
150W non-PoE redundant power supply for A, B, C, X450-G2, and X440-G2 switches, power cord ordered separately.
STK-RPS-150CH2
2-Slot modular shelf for rack-mounting 150W redundant power supplies (STK-RPS-150PS).
STK-RPS-150CH8
8-Slot modular shelf for rack-mounting 150W redundant power supplies (STK-RPS-150PS).
RPS-150XT
External redundant power supply unit 150W with cable - Extended Temperature Range from 0°C to 60°C, power cord
ordered separately.
STK-RPS-1005CH3
3-Slot modular shelf for rack-mounting 150W extended temperature redundant power supplies (RPS-150XT) or 1005W PoE
redundant power supplies (STK-RPS-1005PS).
EPS-C2
External Power System Chassis 2. Accepts up to three 750W AC PoE PSU 48V power supplies. Accepts up to 5 EPSCBL-2x7
or up to 1 EPS-CBL-2x9 cables. Ships with one EPS-CBL-2x7 cable.
EPS-CBL-2x7
External Power System Cable (1M) that connects EPS-C2 to any X440-G2 or X450-G2 non-PoE switch for providing
redundant DC power.
750WAC PSU
AC Power Supply module for EPS-C2 Chassis Redundant Power Supply, power cord ordered separately.
External Redundant Power Supplies For PoE Switches
All X440-G2 Series PoE switches ship with fixed internal power supplies.
RPS Use Table
RPS-90
STK-RPS-150PS
RPS-150XT
EPS-C2
RPS-500P
STK-RPS-1005PS
12t
X
24t, 24x, 48t, 24fx, 12t8fx
X
X
X
X
www.extremenetworks.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com