Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK-RPS-150PS Datasheet(PDF) 14 Page - Extreme Networks.

Part # STK-RPS-150PS
Description  Scalable Cost-Effective Campus Edge Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

STK-RPS-150PS Datasheet(HTML) 14 Page - Extreme Networks.

Back Button STK-RPS-150PS Datasheet HTML 7Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 8Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 9Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 10Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 11Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 12Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 13Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 14Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 15Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Part Number
Name
Description
16538
X440-G2-24x-10GE4
X440-G2 24 unpopulated 1000BASE-X SFP (4 combo), 4 10/100/1000 combo, 4 1GbE
unpopulated SFP upgradable to 10GbE SFP+, 1 Fixed AC PSU, 1 RPS port, ExtremeXOS Edge
license
16538T
X440-G2-24x-10GE4-TAA
X440-G2 24 unpopulated 1000BASE-X SFP (4 combo), 4 10/100/1000 combo, 4 1 GbE
unpopulated SFP, upgradeable to 10GbE SFP+, 1 Fixed AC PSU, 1RPS port, ExtremeXOS Edge
license, TAA model
16539
X440-G2-24fx-GE4
X440-G2 24 fixed 100BASE-FX LC connectors, 4 1GBASE-X unpopulated SFP, 1 Fixed AC PSU, 1
RPS port, ExtremeXOS Edge license, 0°C to 60°C operation
16540
X440-G2-12t8fx-GE4
X440-G2 12 10/100/1000BASE-T plus 8 fixed 100BASE-FX LC connectors, 4 1GBASE-X
unpopulated SFP, 1 Fixed AC PSU, 1 RPS port, ExtremeXOS Edge license, 0°C to 60°C
operation
16541
X440-G2-24t-GE4
X440-G2 24 fixed 10/100/1000BASE-TX , 4 1GBASE-X unpopulated SFP, 1 Fixed AC PSU, 1RPS
port, ExtremeXOS Edge license, 0°C to 60°C operation
Firmware Licenses
Part Number
Name
Description
16521
X440 Adv. Edge License
ExtremeXOS Advanced Edge License for X440/X440-G2 Series switches
16522
X440 OpenFlow Feature Pack
ExtremeXOS SDN - OpenFlow Feature Pack for X440/X440-G2 Series switches
16523
X440 Multimedia (AVB) Feature
Pack
ExtremeXOS Multimedia Service (Audio Video Bridging) Feature Pack for X440/X440-G2
Series switches
16778
X440-G2MACsec
Feature Pack
MACsecFeature Pack for X440-G2 Series switches. Enables MACsec when used with LRM/
MACsec Adapter (10965)
16542
Dual 10GbE Upgrade License
License thatconverts the two non-stack 1GbE SFP ports to be 10GbE SFP+
16543
Quad 10GbE Upgrade License
License that converts four 1GbE SFP ports to be 10GbE SFP+
16546
Quad 10GbE Lic
from Dual 10GbE Lic
Software license that upgrades an already licensed X440-G2 Dual 10GbE switch to a Quad
10GbE switch
Accessories
Part Number
Name
Description
10948
RPS-90
External Redundant Power Supply Unit 90W with cable, power cord ordered separately
10947
C5 to C14 Converter
Power dongle for converting an IEC C5 plug to IEC C14 plug – enables the use of to utilize a
C13 power cord
STK-RPS-150PS
150W Non-PoE RPS
150W non-PoE redundant power supply for A, B, C, X450-G2, and X440-G2 switches
STK-RPS-150CH2
2-Slot Modular Shelf
2-Slot Modular Shelf for rack mounting up to two 150W (STK-RPS-150PS) external redundant
power supplies
STK-RPS-150CH8
8-Slot Modular Shelf
8-Slot Modular Shelf for rack mounting up to eight 150W (STK-RPS-150PS) external redundant
power supplies
10932
RPS-150 XT
External Redundant Power Supply Unit 150W with cable - Extended Temperature Range
from 0°C to 60°C, power cord ordered separately
10923
RPS-500p
External PoE Redundant Power Supply Unit 500W with cable, power cord ordered separately
www.extremenetworks.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com