Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK-RPS-150PS Datasheet(PDF) 3 Page - Extreme Networks.

Part # STK-RPS-150PS
Description  Scalable Cost-Effective Campus Edge Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

STK-RPS-150PS Datasheet(HTML) 3 Page - Extreme Networks.

  STK-RPS-150PS Datasheet HTML 1Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 2Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 3Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 4Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 5Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 6Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 7Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 8Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 9Page - Extreme Networks. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Performance and Scaling
Switch Model
Maximum 10/100/1000
BASE-T Ports
Maximum Active 1Gb SFP
Ports
Maximum 10Gb SFP+
Ports
Aggregated Switch
Bandwidth*
Frame Forwarding
Rate*
X440-G2-12t-10GE4
12
4
4 via license
104Gbps
77.4Mpps
X440-G2-24t-10GE4
24
8(4 + 4 Combo)
4 via license
128Gbps
95.2Mpps
X440-G2-48t-10GE4
48
8 (2 + 6 Combo)
4 via license
176Gbps
130.9Mpps
X440-G2-12p-10GE4
12
4
4 via license
104Gbps
77.4Mpps
X440-G2-24p-10GE4
24
8 (4 + 4 Combo)
4 via license
128Gbps
95.2Mpps
X440-G2-48p-10GE4
48
8 (2 + 6 Combo)
4 via license
176Gbps
130.9Mpps
X440-G2-24t-10GE4-DC
24
8(4 + 4 Combo)
4 via license
128Gbps
95.2Mpps
X440-G2-48t-10GE4-DC
48
8 (2 + 6 Combo)
4 via license1
176Gbps
130.9Mpps
X440-G2-24x-10GE4
4 Combo
28 (24 + 4 Combo)
4 via license
128Gbps
95.2Mpps
X440-G2-24fx-GE4
24100 BASE-FX
4
0
12.8Gbps
9.5Mpps
X440-G2-12t8fx-GE4
12 10/100/1000 + 8
100BASE-FX
4
0
33.6Gbps
25.0Mpps
X440-G2-24t-GE4
24 10/100/1000
4
0
56Gbps
41.7Mpps
2 10GBase-T combo ports
* With 10Gb licenses if available with license
 
• Less than 4 microsecond latency (64-byte)
• Layer 2/MAC Addresses: 16K
• IPv4 LPM Entries: 480
• IPv4 Hosts: 1000
• IPv6 LPM (64-bit) Entries: 240
• 4096 user-created VLAN/VMANs *
• 9216 Byte Max Packet Size (Jumbo Frame)
• 128 load sharing trunks, up to 8 members per trunk
• 1,024 ingress bandwidth meters, 256 egress meters
• Ingress and egress bandwidth policing/rate limiting per
flow/ACL
• 8 QoS egress queues/port
• Egress bandwidth rate shaping per egress queue and per port
• Rate Limiting Granularity: 8 Kbps
 
 
 
 
• Half-duplex 10/100 supported on the following 10/100/1000
ports:
◦
12 port switches: Ports 1-12
◦
24 port switches: Ports 1-16
◦
48 port switches: Ports 1-16 and Ports 25-40
• LRM support on rear-panel SFP/SFP+ ports on all 48-port
switches
• Policy Capabilities
◦
Policy Profiles: 63
◦
Rules per Profile: Up to 440
◦
Authenticated Policy Users per Switch: Up to 1,536
◦
Authenticated Policy Users per Port: Up to 1,536
◦
Unique Permit/Deny Rules per switch: 440
▪
MAC Rules: N/A
▪
IPv4 Rules: 256
▪
IPv6 Rules: N/A
▪
L2 Rules: 184
• Rate Limiting: Per Class of Service
* 2 VLANs reserved for system use
www.extremenetworks.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List