Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK-RPS-150PS Datasheet(PDF) 7 Page - Extreme Networks.

Part # STK-RPS-150PS
Description  Scalable Cost-Effective Campus Edge Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

STK-RPS-150PS Datasheet(HTML) 7 Page - Extreme Networks.

Back Button STK-RPS-150PS Datasheet HTML 3Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 4Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 5Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 6Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 7Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 8Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 9Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 10Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 11Page - Extreme Networks. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Switch Model
Minimum1 Heat Dissipation
(BTU/Hr)
Minimum1 Power
Consumption (W)
Maximum2 Heat Dissipation
(BTU/Hr)
Maximum2 Power
Consumption (W)
X440-G2-24p-10GE4
121
35
410 (@380W PoE)
500
X440-G2-48p-10GE4
196
53
755 (@740W PoE)
961
X440-G2-24t-10GE4-DC
77
23
134
39
X440-G2-48t-10GE4-DC
137
40
207
61
X440-G2-24x-10GE4
87
26
172
51
X440-G2-24fx-GE4
166
49
223
65
X440-G2-12t8fx-GE4
108
32
159
47
X440-G2-24t-GE4
76
22
130
38
1 Idle no ports linked
2 Fans high all ports 100% traffic
The Non-PoE Extended Temperature Switches
(X440-G2-24FX-GE4, X440-G2-12T8FX-GE4, X440-G2-24T-GE4)
Fixed Internal Power Supply
Voltage Input Range
100 - 240V AC*
Line Frequency Range
50Hzto 60Hz (+/- 5%)
Power Supply Input Socket
IEC320 C14
Power Cord Input Plug
IEC320 C13
Operating Temperature
0°C to 60°C (32°F to 140°F) Normal Operation
The 12, 24, and 48 Port 10/100/1000 Models
(Both PoE and Non-PoE)
Fixed Internal Power Supply
Voltage Input Range
100 - 240V AC*
Line Frequency Range
50Hzto 60Hz (+/- 5%)
Power Supply Input Socket
IEC320 C14
Power Cord Input Plug
IEC320 C13
Operating Temperature
0°C to 50°C (32°F to 122°F) Normal Operation
* The power supplies will continue to operate +/- 10%of the rated input to accommodate temporary loss of input voltage regulation.
www.extremenetworks.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com