Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOG300DR Datasheet(PDF) 3 Page - Texas Instruments

Part # LOG300DR
Description  LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG300DR Datasheet(HTML) 3 Page - Texas Instruments

  LOG300DR Datasheet HTML 1Page - Texas Instruments LOG300DR Datasheet HTML 2Page - Texas Instruments LOG300DR Datasheet HTML 3Page - Texas Instruments LOG300DR Datasheet HTML 4Page - Texas Instruments LOG300DR Datasheet HTML 5Page - Texas Instruments LOG300DR Datasheet HTML 6Page - Texas Instruments LOG300DR Datasheet HTML 7Page - Texas Instruments LOG300DR Datasheet HTML 8Page - Texas Instruments LOG300DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
4 Pin Configuration and Functions
1
AFE_En
16
LNA_In
2
DGND
15
Offset_Cap
3
LNA_En
14
LNA_Out
4
VCC
13
AGND
5
Log_Out
12
Log_Inp
6
Ref_Res
11
Log_Inm
7
Freq_Supply
10
Buffer
8
Freq_Out
9
Inv_Buffer
Not to scale
Figure 4-1. D Package, 16-Pin SOIC (top view)
1
VCC
12
Offset_Cap
2
Log_Out
11
LNA_Out
3
Ref_Res
10
AGND
4
Freq_Supply
9
Log_Inp
Not to scale
Thermal Pad
Figure 4-2. RGT Package, 16-Pin VQFN (top view)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
D (SOIC)
RGT (VQFN)
AFE_En
1
14
I
LNA and Log Detector block enable and disable pin. AFE_En = High for AFE
enable. Floating this pin keeps both blocks enabled as well.
AGND
13
10
P
Analog ground for LNA and Log detector block
Buffer
10
7
O
Noninverting buffered output. VBuffer = VLog_Out × 2.
DGND
2
15
P
Digital ground for Freq_Out pin
Freq_Out
8
5
O
This pin toggles at the same signal frequency applied at the Log_In.
Freq_Supply
7
4
P
Power supply for Freq_Out function. Float this pin if the frequency-detection
feature is not required.
Inv_Buffer
9
6
O
Inverted buffered output. VInv_Buffer = VCC – VLog_Out × 2.
LNA_En
3
16
I
Low-noise amplifier enable and disable. LNA_En = High for LNA enable. Floating
this pin keeps the LNA enabled as well.
LNA_In
16
13
I
Low-noise amplifier input
LNA_Out
14
11
O
Low-noise amplifier output
Log_Inm
11
8
I
Inverting input of Log Detector block. Connect an appropriate capacitor to ground
when used in a single-ended input. Refer to Section 7.3.2.
Log_Inp
12
9
I
Noninverting input of Log Detector block
Log_Out
5
2
O
Unbuffered output of Log Detector block. Connect an appropriate resistor RF (to
set the input to output slope) and capacitor CF (to set the response time).
Offset_Cap
15
12
I
Connect a recommended capacitor from this pin to ground. This capacitor sets
the pole of the internal offset correction loop. Refer to Section 7.3.1 for the
recommended capacitor.
Ref_Res
6
3
I
Connect a 1% 56kΩ resistor to this pin. Float this pin if the default relaxed slope
accuracy is acceptable.
VCC
4
1
P
Supply
Thermal Pad
—
Thermal Pad
P
Thermal pad. Electrically isolated from the device. Connect to a heat spreading
plane, typically ground.
(1)
I = input, O = output, I/O = input or output, G = ground, P = power.
www.ti.com
LOG300
SLOSEB7A – SEPTEMBER 2024 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LOG300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com