Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOG300DR Datasheet(PDF) 21 Page - Texas Instruments

Part # LOG300DR
Description  LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG300DR Datasheet(HTML) 21 Page - Texas Instruments

Back Button LOG300DR Datasheet HTML 17Page - Texas Instruments LOG300DR Datasheet HTML 18Page - Texas Instruments LOG300DR Datasheet HTML 19Page - Texas Instruments LOG300DR Datasheet HTML 20Page - Texas Instruments LOG300DR Datasheet HTML 21Page - Texas Instruments LOG300DR Datasheet HTML 22Page - Texas Instruments LOG300DR Datasheet HTML 23Page - Texas Instruments LOG300DR Datasheet HTML 24Page - Texas Instruments LOG300DR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The LOG300 is a good fit for multiple applications involving ultrasound receive signal measurement, power,
and energy measurements. The wide dynamic range and high input sensitivity makes the LOG300 an excellent
option for applications such as the example in Section 8.2.1 involving measurement of low amplitude signals
without the need of expensive, high-bandwidth, low-noise components.
8.2 Typical Application
8.2.1 Ultrasonic Distance Measurement
This design example demonstrates the circuit calculations and discrete component selection around the LOG300
to achieve a highly sensitive receive signal chain for a typical ultrasonic distance based measurement sensor.
Vbias
Log Detector
Inverting
Buffer
Buffer
VCC
LNA_En
Ultrasonic
Sensor
Ultrasonic
Driver
AFE_En
DET
Obstacle
RS
GND
Offset_Cap
Rbias
GND
Inv_Buffer
Buffer
Freq_Out
External BPF
GND
CF
RF
LNA_Out
Log_In
Log_Out
COffset_Cap
LNA
330pF
70µH
1nF
GND
Figure 8-1. Ultrasonic Distance Sensor
8.2.1.1 Design Requirements
Table 8-1. Design Parameters
PARAMETER
VALUE
Supply (VCC)
5V
Minimum input signal measuring capability
7µVP
Maximum input signal measuring capability: Linear
200mVP
Maximum input signal handling capability (Vmax)
100VP
Frequency of Tx and Rx signal
1MHz
Log_Out; Output range
0.5V to 4.5V
www.ti.com
LOG300
SLOSEB7A – SEPTEMBER 2024 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LOG300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com