Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOG300DR Datasheet(PDF) 13 Page - Texas Instruments

Part # LOG300DR
Description  LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG300DR Datasheet(HTML) 13 Page - Texas Instruments

Back Button LOG300DR Datasheet HTML 9Page - Texas Instruments LOG300DR Datasheet HTML 10Page - Texas Instruments LOG300DR Datasheet HTML 11Page - Texas Instruments LOG300DR Datasheet HTML 12Page - Texas Instruments LOG300DR Datasheet HTML 13Page - Texas Instruments LOG300DR Datasheet HTML 14Page - Texas Instruments LOG300DR Datasheet HTML 15Page - Texas Instruments LOG300DR Datasheet HTML 16Page - Texas Instruments LOG300DR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
5.8 Typical Characteristics: VCC = 5V (continued)
at TA = 25°C, VCC = 5V, CF = 1nF, RF = 43kΩ (slope = 43mV/dB) and Ref_Res = 1% 56kΩ, and 10nF capacitor to AGND
on Log_Inp and Log_Inm, (unless otherwise noted). For AFE, 2nd-order BPF centered around frequency "f" with gain = -7dB
used between LNA and Log Detector block.
f = 1MHz, CF = 1nF
Figure 5-19. Log Detector Rise and Fall Time
f = 1MHz, CF = 10nF
Figure 5-20. Log Detector Rise and Fall Time
f = 1MHz, CF = 100pF
Figure 5-21. Log Detector Rise and Fall Time
Log_Inp (VP)
0
1
2
3
4
5
10
100
1m
10m
100m
1
Log_Inp Input Waveform
Sine
Square
Triangle
f = 1MHz
Figure 5-22. Log Detector output for Various Input Waveforms
Time (2
s/div)
0.48
0.99
0.5
1.02
0.52
1.05
0.54
1.08
0.56
1.11
Buffer
Input
Output
Figure 5-23. Small-Signal Step Response: Buffer
Time (2
s/div)
1.42
1.9
1.43
1.92
1.44
1.94
1.45
1.96
1.46
1.98
1.47
2
1.48
2.02
1.49
2.04
1.5
2.06
1.51
2.08
1.52
2.1
Buffer
Input
Output
Figure 5-24. Small-Signal Step Response: Inverting Buffer
www.ti.com
LOG300
SLOSEB7A – SEPTEMBER 2024 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LOG300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com