Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOG300DR Datasheet(PDF) 4 Page - Texas Instruments

Part # LOG300DR
Description  LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG300DR Datasheet(HTML) 4 Page - Texas Instruments

  LOG300DR Datasheet HTML 1Page - Texas Instruments LOG300DR Datasheet HTML 2Page - Texas Instruments LOG300DR Datasheet HTML 3Page - Texas Instruments LOG300DR Datasheet HTML 4Page - Texas Instruments LOG300DR Datasheet HTML 5Page - Texas Instruments LOG300DR Datasheet HTML 6Page - Texas Instruments LOG300DR Datasheet HTML 7Page - Texas Instruments LOG300DR Datasheet HTML 8Page - Texas Instruments LOG300DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage and Freq_Supply
5.5
V
Supply turn-on and turn-off maximum dV/dT(3)
1
V/µs
AFE_En and LNA_En
GND–0.5
VCC+0.5
V
LNA_In
LNA input voltage
±1
VP
Log_In
Single ended input voltage (Log_Inp and Log_Inm)
(VCC × 0.17) + 0.9
VP
II
Continuous input current for all pins(2)
±10
mA
Continuous power dissipation
See Thermal Information
TJ
Maximum junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings can cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Input pins are diode-clamped to the power-supply rails. Current limit the input signals, which can swing more than 0.5V beyond the
supply rails to 10mA or less. Can be easily achieved with a RC filter on VCC.
(3)
Stay below this ± supply turn-on edge rate to prevent the edge-triggered ESD absorption device across the supply pins from turning
on
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±500
V
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
5.25
V
TA
Ambient operating temperature
–40
25
125
°C
Ref_Res
Recommended reference resistor to ground
56
kΩ
Log_In
Log detector input at 3.3V VCC(1)
1.2
VP
Log detector input at 5V VCC(1)
1.6
(1)
At room temperature, irrespective of the frequency and waveform of the input signal
LOG300
SLOSEB7A – SEPTEMBER 2024 – REVISED OCTOBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LOG300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com