Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOG300DR Datasheet(PDF) 12 Page - Texas Instruments

Part # LOG300DR
Description  LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG300DR Datasheet(HTML) 12 Page - Texas Instruments

Back Button LOG300DR Datasheet HTML 8Page - Texas Instruments LOG300DR Datasheet HTML 9Page - Texas Instruments LOG300DR Datasheet HTML 10Page - Texas Instruments LOG300DR Datasheet HTML 11Page - Texas Instruments LOG300DR Datasheet HTML 12Page - Texas Instruments LOG300DR Datasheet HTML 13Page - Texas Instruments LOG300DR Datasheet HTML 14Page - Texas Instruments LOG300DR Datasheet HTML 15Page - Texas Instruments LOG300DR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
5.8 Typical Characteristics: VCC = 5V (continued)
at TA = 25°C, VCC = 5V, CF = 1nF, RF = 43kΩ (slope = 43mV/dB) and Ref_Res = 1% 56kΩ, and 10nF capacitor to AGND
on Log_Inp and Log_Inm, (unless otherwise noted). For AFE, 2nd-order BPF centered around frequency "f" with gain = -7dB
used between LNA and Log Detector block.
Log_Inp (
VP)
0
2
4
6
8
10
12
14
16
LCE = ±1dB,
f = 1MHz
μ = 22.15μVP
σ = 1.59μVP
Figure 5-13. Minimum Input Sensitivity of Log_Detector
Log_Inp (
VP)
0
1
2
3
4
5
6
7
8
9
10
11
LCE = ±2dB,
f = 20MHz
μ = 22.14μVP
σ = 1.67μVP
Figure 5-14. Minimum Input Sensitivity of Log_Detector
Minimum Log_Out Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
50Ω + 10nF at
Log_Inp to AGND
μ = 0.17V
σ = 0.04V
Figure 5-15. Minimum Output Voltage at Log_Out
Minimum Log_Out Voltage (V)
0
1
2
3
4
5
6
7
8
9
10nF at Log_Inp to
AGND
μ = 0.13V
σ = 0.018V
Figure 5-16. Minimum Output Voltage at Log_Out
Time (5ms/div)
0.08
0.09
0.1
0.11
0.12
0.13
0.14
0.15
CF = 220pF
CF = 1nF
CF = 10nF
Figure 5-17. Minimum Log_Out Voltage vs Time
Te mperature (
C)
-40 -25 -10
5
20
35
50
65
80
95
110 125
40
41
42
43
44
45
46
-40 -25 -10
5
20
35
50
65
80
95
110 125
40
41
42
43
44
45
46
Figure 5-18. Slope Variation vs Temperature
LOG300
SLOSEB7A – SEPTEMBER 2024 – REVISED OCTOBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LOG300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com