Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4956 Datasheet(PDF) 39 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 35Page - STMicroelectronics TS4956 Datasheet HTML 36Page - STMicroelectronics TS4956 Datasheet HTML 37Page - STMicroelectronics TS4956 Datasheet HTML 38Page - STMicroelectronics TS4956 Datasheet HTML 39Page - STMicroelectronics TS4956 Datasheet HTML 40Page - STMicroelectronics TS4956 Datasheet HTML 41Page - STMicroelectronics TS4956 Datasheet HTML 42Page - STMicroelectronics TS4956 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
TS4956
Application information
39/51
The efficiency is the ratio between the output power and the power supply:
The maximum theoretical value is reached when VPEAK = VCC/2, so
The TS4956 has in modes 3 and 4 two active output power amplifiers. Each amplifier
produces heat due to its power dissipation. Therefore the maximum die temperature is the
sum of each amplifier’s maximum power dissipation. It is calculated as follows:
Pdiss 1 = power dissipation due to the first power amplifier.
Pdiss 2 = power dissipation due to the second power amplifier.
Total Pdiss =Pdiss 1 +Pdiss 2 (W)
In most cases,
Pdiss 1 =Pdiss 2, giving:
4.3.3
BTL output configuration (modes 1, 2, 7):
The average current delivered by the supply voltage is:
Figure 128. Current delivered by supply voltage in the BTL output configuration
The power delivered by supply voltage is:
Then, the power dissipation by each amplifier is
η
P
out
P
su pply
-------------------
πV
PEAK
4V
CC
---------------------
==
η
π
8
---
39.25%
==
TotalP
diss
2P
diss1
=
TotalP
diss
42VCC
π R
L
---------------------- P
out
2P
ou t W
()
–
=
Icc
AVG
1
π
---
V
PEAK
R
L
-----------------
t
()
sin
t
d
0
π
∫
2V
PEAK
πR
L
---------------------A
()
==
P
sup ply
V
CCICC
AV G
W
()
=
P
diss
22 VCC
π R
L
---------------------- P
ou t
P
out W
()
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com