Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4956 Datasheet(PDF) 32 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 28Page - STMicroelectronics TS4956 Datasheet HTML 29Page - STMicroelectronics TS4956 Datasheet HTML 30Page - STMicroelectronics TS4956 Datasheet HTML 31Page - STMicroelectronics TS4956 Datasheet HTML 32Page - STMicroelectronics TS4956 Datasheet HTML 33Page - STMicroelectronics TS4956 Datasheet HTML 34Page - STMicroelectronics TS4956 Datasheet HTML 35Page - STMicroelectronics TS4956 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
TS4956
Electrical characteristics
32/51
Figure 108. Frequency response modes 5, 6
Figure 109. Power dissipation vs. output
power (per channel)
Figure 110. Power dissipation vs. output
power (per channel)
Figure 111. Frequency response modes 5, 6
Figure 112. Power dissipation vs. output
power (per channel)
Figure 113. Power dissipation vs. output
power (per channel)
100
1000
10000
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
G=+1.5dB, RL=16
Ω
G=+6dB, RL=32
Ω
G=+12dB, RL=32
Ω
G=+1.5dB, RL=32
Ω
G=+6dB, RL=16
Ω
G=+12dB, RL=16
Ω
Frequency (Hz)
Mode 5, 6 - MLO
Cin = 330nF
Cout = 220
µF
Tamb 25
°C
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100
120
140
160
180
200
RL=16
Ω
RL=8
Ω
Mode 1, 2, 7
BTL, SPK out
Vcc = 2.7V
F = 1kHz
THD+N < 10%
Output Power (mW)
THD+N=1%
0
200
400
600
800
1000
1200
1400
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
RL=16
Ω
RL=8
Ω
Mode 1, 2, 7
BTL, SPK out
Vcc = 5V
F = 1kHz
THD+N < 10%
Output Power (mW)
THD+N=1%
100
1000
10000
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
G=+1.5dB, RL=16
Ω
G=+6dB, RL=32
Ω
G=+12dB, RL=32
Ω
G=+1.5dB, RL=32
Ω
G=+6dB, RL=16
Ω
G=+12dB, RL=16
Ω
Frequency (Hz)
Mode 5, 6 - MLO
Cin = 330nF
Cout = 470
µF
Tamb 25
°C
0
100
200
300
400
500
600
0
50
100
150
200
250
300
RL=16
Ω
RL=8
Ω
Mode 1, 2, 7
BTL, SPK out
Vcc = 3.3V
F = 1kHz
THD+N < 10%
Output Power (mW)
THD+N=1%
0
200
400
600
800
1000 1200 1400 1600 1800
0
100
200
300
400
500
600
700
800
900
RL=16
Ω
RL=8
Ω
Mode 1, 2, 7
BTL, SPK out
Vcc = 5.5V
F = 1kHz
THD+N < 10%
O utput Power (mW)
THD+N=1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com