Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4956 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 27Page - STMicroelectronics TS4956 Datasheet HTML 28Page - STMicroelectronics TS4956 Datasheet HTML 29Page - STMicroelectronics TS4956 Datasheet HTML 30Page - STMicroelectronics TS4956 Datasheet HTML 31Page - STMicroelectronics TS4956 Datasheet HTML 32Page - STMicroelectronics TS4956 Datasheet HTML 33Page - STMicroelectronics TS4956 Datasheet HTML 34Page - STMicroelectronics TS4956 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
TS4956
Electrical characteristics
31/51
Figure 102. SNR vs. power supply voltage
Figure 103. Current consumption vs. power
supply voltage
Figure 104. Frequency response mode 1, 2, 7
Figure 105. SNR vs. power supply voltage
Figure 106. Standby current consumption vs.
power supply voltage
Figure 107. Frequency response mode 3, 4
2.7
3.3
5
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
Weighted filter type A
Unweighted filter (20Hz to 20kHz)
Mode 7 - BTL, SPKout
G = +10.5dB, RL = 8
Ω
THD+N < 0.5%
Tamb = 25
°C
Vcc (V)
012
345
0
1
2
3
4
5
6
7
8
Mode7
Mode 5,6
Mode3
Mode4
Mode 1,2
No loads
Tamb = 25
°C
Vcc (V)
100
1000
10000
-2
0
2
4
6
8
10
12
G=+1.5dB, RL=8
Ω
G=+1.5dB, RL=16
Ω
G=+6dB, RL=8
Ω
G=+6dB, RL=16
Ω
G=+12dB, RL=16
Ω
Frequency (Hz)
Mode 1, 2, 7
BTL, SPK out
Cin = 330nF
Tamb 25
°C
G=+12dB, RL=8
Ω
2.7
3.3
5
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
Weighted filter type A
Unweighted filter (20Hz to 20kHz)
Mode 7 - BTL, SPKout
G = +10.5dB, RL = 16
Ω
THD+N < 0.5%
Tamb = 25
°C
Vcc (V)
01
23
45
6
0.0
0.1
0.2
0.3
0.4
0.5
Vcc (V)
No loads
Tamb = 25
°C
100
1000
10000
-2
0
2
4
6
8
10
12
G=+1.5dB, RL=16
Ω,32Ω
G=+6dB, RL=16
Ω,32Ω
G=+12dB, RL=16
Ω,32Ω
Frequency (Hz)
Mode 3, 4
LHP, RHP
Cin = 330nF
Tamb 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com