Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4956 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 17Page - STMicroelectronics TS4956 Datasheet HTML 18Page - STMicroelectronics TS4956 Datasheet HTML 19Page - STMicroelectronics TS4956 Datasheet HTML 20Page - STMicroelectronics TS4956 Datasheet HTML 21Page - STMicroelectronics TS4956 Datasheet HTML 22Page - STMicroelectronics TS4956 Datasheet HTML 23Page - STMicroelectronics TS4956 Datasheet HTML 24Page - STMicroelectronics TS4956 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
TS4956
Electrical characteristics
21/51
Figure 40.
Output power vs. power supply
voltage
Figure 41.
Output power vs. power supply
voltage
Figure 42.
Output power vs. power supply
voltage
Figure 43.
Output power vs. power supply
voltage
Figure 44.
Output power vs. power supply
voltage
Figure 45.
Output power vs. power supply
voltage
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
RL=32
Ω
RL=16
Ω
Mode 1, 2, 7
BTL, SPK out
F = 1kHz
BW < 125 kHz
Tamb = 25
°C
Vcc (V)
RL=8
Ω
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
200
400
600
800
1000
1200
1400
1600
RL=32
Ω
RL=16
Ω
Mode 1, 2, 7
BTL, SPK out
F = 1kHz
BW < 125 kHz
Tamb = 25
°C
Vcc (V)
RL=8
Ω
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
10
20
30
40
50
RL=32
Ω
RL=16
Ω
Mode 3, 4
LHP, RHP
F = 1kHz
BW < 125 kHz
Tamb = 25
°C
Vcc (V)
RL=64
Ω
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
10
20
30
40
50
60
70
RL=32
Ω
RL=16
Ω
Mode 3, 4
LHP, RHP
F = 1kHz
BW < 125 kHz
Tamb = 25
°C
Vcc (V)
RL=64
Ω
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
20
40
60
80
100
120
140
160
180
200
RL=32
Ω
RL=16
Ω
Mode 5, 6
MLO
F = 1kHz
BW < 125 kHz
Tamb = 25
°C
Vcc (V)
RL=64
Ω
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
40
80
120
160
200
240
280
RL=32
Ω
RL=16
Ω
Mode 5, 6
MLO
F = 1kHz
BW < 125 kHz
Tamb = 25
°C
Vcc (V)
RL=64
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com