Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX205 Datasheet(PDF) 24 Page - Texas Instruments

Part # OPAX205
Description  OPAx205 4-μV, 0.08-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX205 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPAX205 Datasheet HTML 20Page - Texas Instruments OPAX205 Datasheet HTML 21Page - Texas Instruments OPAX205 Datasheet HTML 22Page - Texas Instruments OPAX205 Datasheet HTML 23Page - Texas Instruments OPAX205 Datasheet HTML 24Page - Texas Instruments OPAX205 Datasheet HTML 25Page - Texas Instruments OPAX205 Datasheet HTML 26Page - Texas Instruments OPAX205 Datasheet HTML 27Page - Texas Instruments OPAX205 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
8.3.2 Lower Input Bias With Super-Beta Inputs
The OPAx205 have a super-beta input transistor architecture. In a transistor, the beta value is the ratio between
the current flowing into the base and the current flowing from the collector to the emitter. A super-beta transistor
is one where the beta value has been increased from several hundred to thousands. In a bipolar amplifier, the
input bias current is the current flowing into the base of the input transistor pair, as well as a small leakage
current that flows through the ESD diodes. A super-beta input reduces the input bias current of the amplifier. In
addition, the super-beta inputs lower the input current noise that is directly related to the input bias current of the
device. A comparison between the input bias current of the OPA2277 and the OPAx205 super-beta input bias
currents can be seen in Figure 8-4 and Figure 8-5.
125
Temperature ( °C)
–75
–50
–25
0
25
50
75
100
5
4
3
2
1
0
–1
–2
–3
–4
–5
Curves represent typical
production units.
Figure 8-4. OPA2277 Input Bias Current
Temperature (°C)
-50
-25
0
25
50
75
100
125
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
IBN
IBP
Figure 8-5. OPAx205 Super-Beta Input Bias Current
8.3.3 Overload Power Limiter
In many bipolar-based amplifiers, the output stage of the amplifier can draw significant (several milliamperes)
of quiescent current if the output voltage becomes clipped (that is, the output voltage becomes limited by the
negative or positive supply voltage). This condition can cause the system to enter a high-power consumption
state, and potentially cause oscillations between the power supply and signal chain. The OPAx205 have an
advanced output stage design that eliminates this problem. When the output voltage reaches either supply (V+
or V–), there is virtually no additional current consumption from the nominal quiescent current. This feature helps
eliminate any potential system problems when the signal chain is disrupted by large external transient voltage.
8.3.4 EMI Rejection
The OPAx205 use integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI from
sources, such as wireless communications and densely populated boards with a mix of analog signal chain and
digital components. EMI immunity can be improved through circuit design techniques that improve the system
performance. Additional information can be found in the EMI Rejection Ratio of Operation Amplifiers application
report.
8.4 Device Functional Modes
The OPAx205 have a single functional mode and are operational with any supply between 4.5 V (±2.25 V) and
36 V (±18 V).
OPA205, OPA2205, OPA4205
SBOS962F – APRIL 2020 – REVISED MARCH 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA205 OPA2205 OPA4205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com