Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX205 Datasheet(PDF) 20 Page - Texas Instruments

Part # OPAX205
Description  OPAx205 4-μV, 0.08-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX205 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPAX205 Datasheet HTML 16Page - Texas Instruments OPAX205 Datasheet HTML 17Page - Texas Instruments OPAX205 Datasheet HTML 18Page - Texas Instruments OPAX205 Datasheet HTML 19Page - Texas Instruments OPAX205 Datasheet HTML 20Page - Texas Instruments OPAX205 Datasheet HTML 21Page - Texas Instruments OPAX205 Datasheet HTML 22Page - Texas Instruments OPAX205 Datasheet HTML 23Page - Texas Instruments OPAX205 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
6.9 Typical Characteristics (continued)
at TA = 25°C, VS = ±15V, VCM = VOUT = midsupply, and RL = 10 kΩ (unless otherwise noted)
Frequency (MHz)
10
100
1000
6000
40
50
60
70
80
90
100
110
120
130
140
Figure 6-43. Electromagnetic Interference Rejection
Supply Voltage (V)
0
50
100
150
200
250
0
8
16
24
32
40
Vs = 4.5V
Figure 6-44. Quiescent Current vs Supply Voltage
Temperature (°C)
-50
-25
0
25
50
75
100
125
120
160
200
240
280
320
360
Figure 6-45. Quiescent Current vs Temperature
OPA205, OPA2205, OPA4205
SBOS962F – APRIL 2020 – REVISED MARCH 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA205 OPA2205 OPA4205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com