Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX205 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPAX205
Description  OPAx205 4-μV, 0.08-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX205 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPAX205 Datasheet HTML 7Page - Texas Instruments OPAX205 Datasheet HTML 8Page - Texas Instruments OPAX205 Datasheet HTML 9Page - Texas Instruments OPAX205 Datasheet HTML 10Page - Texas Instruments OPAX205 Datasheet HTML 11Page - Texas Instruments OPAX205 Datasheet HTML 12Page - Texas Instruments OPAX205 Datasheet HTML 13Page - Texas Instruments OPAX205 Datasheet HTML 14Page - Texas Instruments OPAX205 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
6.8 Electrical Characteristics: VS = ±15 V (continued)
at TA = 25°C, VCM = VOUT = midsupply, and RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
OPA2205,
TA = –40°C to +125°C
RL = 10 kΩ,
(V–) + 200 mV < VO <
(V+) – 200 mV
132
135
dB
RL = 2 kΩ,
(V–) + 350 mV < VO <
(V+) – 350 mV
132
135
OPAx205A,
TA = –40°C to +125°C
RL = 10 kΩ,
(V–) + 200 mV < VO <
(V+) – 200 mV
126
132
RL = 2 kΩ,
(V–) + 350 mV < VO <
(V+) – 350 mV
126
130
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
CL = 30 pF
3.6
MHz
SR
Slew rate
10-V step, gain = –1
4
V/μs
Phase margin
RL = 10 kΩ, CL = 25 pF
58
degrees
tS
Settling time
To 0.024% (12-bit),
10-V step, gain = 1,
CL = 30 pF
Falling
2.8
μs
Rising
4.5
Overload recovery time
Gain = –10
0.2
μs
THD+N
Total harmonic distortion
+ noise
VO = 5 VPP, gain = +1, f = 1 kHz, RL = 2 kΩ
0.0004
%
OUTPUT
Voltage output swing
from rail
AOL > 126 dB
RL = 10 kΩ
(V–) + 0.2
(V+) – 0.2
V
RL = 2 kΩ
(V–) + 0.35
(V+) – 0.35
TA = –40°C to +125°C, RL = 10 kΩ
(V–) + 0.2
(V+) – 0.2
ISC
Short-circuit current
±25
mA
CLOAD
Capacitive load drive
See Typical Characteristics
RO
Open-loop output
impedance
See Typical Characteristics
POWER SUPPLY
IQ
Quiescent current per
amplifier
IO = 0 mA
220
240
μA
TA = –40°C to +125°C
310
www.ti.com
OPA205, OPA2205, OPA4205
SBOS962F – APRIL 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA205 OPA2205 OPA4205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com