Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX205 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPAX205
Description  OPAx205 4-μV, 0.08-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX205 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPAX205 Datasheet HTML 17Page - Texas Instruments OPAX205 Datasheet HTML 18Page - Texas Instruments OPAX205 Datasheet HTML 19Page - Texas Instruments OPAX205 Datasheet HTML 20Page - Texas Instruments OPAX205 Datasheet HTML 21Page - Texas Instruments OPAX205 Datasheet HTML 22Page - Texas Instruments OPAX205 Datasheet HTML 23Page - Texas Instruments OPAX205 Datasheet HTML 24Page - Texas Instruments OPAX205 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
7 Parameter Measurement Information
7.1 Typical Specifications and Distributions
To design a more robust circuit, designers often have questions about a typical specification of an amplifier.
As a result of natural variations in process technology and manufacturing procedures, every specification of an
amplifier exhibits some amount of deviation from the ideal value, such as the input bias current of an amplifier.
These deviations often follow Gaussian (bell curve), or normal distributions. Circuit designers can leverage
this information to guard-band their system, even when there is no minimum or maximum specification in the
Electrical Characteristics.
1
1
1
1
1
1
1
1
1
0.00002%
1
1
1
0.00002%
-1
-21
-31
-41
-51
-61
+1
+21
+31
+41
+51
+61
34.13% 13.59%
34.13%
13.59%
2.145%
2.145% 0.13185%
0.13185%
0.00312%
0.00312%
Figure 7-1. Ideal Gaussian Distribution
Figure 7-1 shows an example distribution, where µ, is the mean of the distribution, and where σ, or sigma, is the
standard deviation of a system. For a specification that exhibits this kind of distribution, approximately two-thirds
(68.26%) of all units can be expected to have a value within one standard deviation, or one sigma, of the mean
(from µ – σ to µ + σ).
Depending on the specification, values listed in the typical column of Electrical Characteristics are represented
in different ways. As a general guideline, if a specification naturally has a nonzero mean (for example, gain
bandwidth), then the typical value is equal to the mean (µ). However, if a specification naturally has a mean near
zero (for example, input bias current), then the typical value is equal to the mean plus one standard deviation
(µ + σ) to most accurately represent the typical value.
Use this chart to calculate the approximate probability of a specification in a unit. For example, the OPAx205
typical input bias current is ±0.1 nA; therefore, 68.2% of all devices are expected to have an input bias from
±0.1 nA. At 4σ, 99.9937% of the distribution has an input bias less than ±0.28 nA, which means that 0.0063% of
the population is outside of these limits, and corresponds to approximately 1 in 15,873 units.
Units that are found to exceed any tested minimum or maximum specifications are removed from production
material. For example, the OPAx205 have a maximum input bias of ±0.5 nA at 25°C. Although this value
corresponds to approximately 6σ (approximately 1 in 500 million units), TI removes any unit with a larger input
bias from production material.
For specifications with no value in the minimum or maximum column, consider selecting a sigma value
of sufficient guard band for your application, and design worst-case conditions using this value. Use this
information to only estimate the performance of a device.
www.ti.com
OPA205, OPA2205, OPA4205
SBOS962F – APRIL 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA205 OPA2205 OPA4205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com