Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX205 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPAX205
Description  OPAx205 4-μV, 0.08-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX205 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPAX205 Datasheet HTML 4Page - Texas Instruments OPAX205 Datasheet HTML 5Page - Texas Instruments OPAX205 Datasheet HTML 6Page - Texas Instruments OPAX205 Datasheet HTML 7Page - Texas Instruments OPAX205 Datasheet HTML 8Page - Texas Instruments OPAX205 Datasheet HTML 9Page - Texas Instruments OPAX205 Datasheet HTML 10Page - Texas Instruments OPAX205 Datasheet HTML 11Page - Texas Instruments OPAX205 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
6.7 Electrical Characteristics: VS = ±5 V
at TA = 25°C, VCM = VOUT = midsupply, and RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
OPA2205
±2
±15
μV
TA = –40°C to +125°C
±25
OPAx205A
±4
±25
TA = –40°C to +125°C
±55
dVOS/dT
Input offset voltage drift
OPA2205
TA = –40°C to +125°C
±0.04
±0.2
μV/°C
OPAx205A
TA = –40°C to +125°C
±0.08
±0.5
PSRR
Power supply rejection
ratio
OPA2205,
VS = ±2.25 V to ±18 V
±0.05
±0.25
μV/V
TA = –40°C to +125°C
±0.5
OPAx205A,
VS = ±2.25 V to ±18 V
±0.05
±0.5
TA = –40°C to +125°C
±1
Channel separation,
(dual, quad)
f = dc
130
dB
f = 100 kHz
110
INPUT BIAS CURRENT
IB
Input bias current
OPA2205
±0.1
±0.4
nA
TA = 0°C to 85°C
±0.6
TA = –40°C to +125°C
±0.9
OPAx205A
±0.1
±0.5
TA = 0°C to 85°C
±0.75
TA = –40°C to +125°C
±1
IOS
Input offset current
±0.1
±0.4
nA
TA = 0°C to 85°C
±0.5
TA = –40°C to +125°C
±0.6
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
0.2
μVPP
en
Input voltage noise
density
f = 10 Hz
7.4
nV/√Hz
f = 100 Hz
7.2
f = 1 kHz
7.2
in
Input current noise
density
f = 1 kHz
110
fA/√Hz
INPUT VOLTAGE
VCM
Common-mode voltage
(V–) + 1
(V+) – 1.4
V
CMRR
Common-mode rejection
ratio
OPA2205, (V–) + 1 V < VCM < (V+) – 1.4 V,
TA = –40°C to +125°C
124
140
dB
OPAx205A, (V–) + 1 V < VCM < (V+) – 1.4 V,
TA = –40°C to +125°C
124
140
INPUT IMPEDANCE
ZID
Differential
9 || 4.4
MΩ || pF
ZICM
Common-mode
300 || 4.4
GΩ || pF
OPA205, OPA2205, OPA4205
SBOS962F – APRIL 2020 – REVISED MARCH 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA205 OPA2205 OPA4205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com