Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24512-R Datasheet(PDF) 13 Page - STMicroelectronics

Part # M24512-R
Description  512-Kbit serial I²C bus EEPROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M24512-R Datasheet HTML 9Page - STMicroelectronics M24512-R Datasheet HTML 10Page - STMicroelectronics M24512-R Datasheet HTML 11Page - STMicroelectronics M24512-R Datasheet HTML 12Page - STMicroelectronics M24512-R Datasheet HTML 13Page - STMicroelectronics M24512-R Datasheet HTML 14Page - STMicroelectronics M24512-R Datasheet HTML 15Page - STMicroelectronics M24512-R Datasheet HTML 16Page - STMicroelectronics M24512-R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
5.1.3
Write identification page (M2512-D only)
The identification page (128 byte) is an additional page which can be written and (later) permanently locked in
read-only mode. It is written by issuing the write identification page instruction. This instruction uses the same
protocol and format as page write (into memory array), except for the following differences:
•
Device type identifier = 1011b
•
MSB address bits A15/A7 are don't care except for address bit A10 which must be ‘0’. LSB address bits
A6/A0 define the byte address inside the identification page.
If the identification page is locked, the data bytes transferred during the write identification page instruction are not
acknowledged (NoAck).
5.1.4
Lock identification page (M24512-D only)
The lock identification page instruction (Lock ID) permanently locks the identification page in read-only mode. The
lock ID instruction is similar to byte write (into memory array) with the following specific conditions:
•
Device type identifier = 1011b
•
Address bit A10 must be ‘1’; all other address bits are don't care
•
The data byte must be equal to the binary value xxxx xx1x, where x is don't care
5.1.5
ECC (error correction code) and write cycling
The error correction code (ECC) is an internal logic function which is transparent for the I2C communication
protocol.
The ECC logic is implemented on each group of four EEPROM bytes (A group of four bytes is located at
addresses [4*N, 4*N+1, 4*N+2, 4*N+3], where N is an integer). Inside a group, if a single bit out of the four bytes
happens to be erroneous during a read operation, the ECC detects this bit and replaces it with the correct value.
The read reliability is therefore much improved.
Even if the ECC function is performed on groups of four bytes, a single byte can be written/cycled independently.
In this case, the ECC function also writes/cycles the three other bytes located in the same group (A group of four
bytes is located at addresses [4*N, 4*N+1, 4*N+2, 4*N+3], where N is an integer). As a consequence, the
maximum cycling budget is defined at group level and the cycling can be distributed over the 4 bytes of the group:
the sum of the cycles seen by byte0, byte1, byte2 and byte3 of the same group must remain below the maximum
value defined Table 12. Cycling performance by groups of four bytes.
M24512-W M24512-R M24512-DF
Write operations
DS6520 - Rev 31
page 13/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com