Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FLU09MATRE Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST7FLU09MATRE
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLU09MATRE Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST7FLU09MATRE Datasheet HTML 29Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 30Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 31Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 32Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 33Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 34Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 35Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 36Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
Supply, reset and clock management
33/124
6.3
Reset sequence manager (RSM)
6.3.1
Introduction
The reset sequence manager includes three RESET sources as shown in Figure 11:
●
External RESET source pulse
●
Internal LVD RESET (Low Voltage Detection)
●
Internal WATCHDOG RESET
Note:
A reset can also be triggered following the detection of an illegal opcode or prebyte code.
Refer to Figure 11.
These sources act on the RESET pin and it is always kept low during the delay phase.
The RESET service routine vector is fixed at addresses FFFEh-FFFFh in the ST7 memory
map.
The basic RESET sequence consists of three phases as shown in Figure 10:
●
Active Phase depending on the RESET source
●
64 CPU clock cycle delay
●
RESET vector fetch
Caution:
When the ST7 is unprogrammed or fully erased, the Flash is blank and the RESET vector is
not programmed. For this reason, it is recommended to keep the RESET pin in low state
until programming mode is entered, in order to avoid unwanted behavior.
The 64 CPU clock cycle delay allows the oscillator to stabilize and ensures that recovery
has taken place from the Reset state.
The RESET vector fetch phase duration is 2 clock cycles.
Figure 10.
RESET sequence phases
Figure 11.
Reset block diagram
1.
See Illegal opcode reset on page 87 for more details on illegal opcode reset conditions
RESET
ACTIVE PHASE
INTERNAL RESET
64 CLOCK CYCLES
FETCH
VECTOR
RESET
RON
VDD
INTERNAL
RESET
FILTER
PULSE
GENERATOR
LVD RESET
WATCHDOG RESET
ILLEGAL OPCODE RESET(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com