Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FLU09MATRE Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST7FLU09MATRE
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLU09MATRE Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST7FLU09MATRE Datasheet HTML 50Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 51Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 52Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 53Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 54Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 55Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 56Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 57Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 124 page
background image
Power saving modes
ST7LUS5, ST7LU05, ST7LU09
54/124
8.5.1
Register description
AWUFH control/status register (AWUCSR)
AWUCSR
Reset value: 0000 0000 (00h)
7
654
32
10
Reserved
AWUF
AWUM
AWUEN
-
R/W
R/W
R/W
Table 22.
AWUCSR register description
Bit
Name
Function
7:3
-
Reserved
2AWUF
Auto Wake-up Flag
This bit is set by hardware when the AWU module generates an interrupt and
cleared by software on reading AWUCSR. Writing to this bit does not change its
value.
0: No AWU interrupt occurred
1: AWU interrupt occurred
1AWUM
Auto Wake-up Measurement
This bit enables the AWU RC oscillator and connects its output to the input capture
of the 8-bit Lite timer. This allows the timer to be used to measure the AWU RC
oscillator dispersion and then compensate this dispersion by providing the right
value in the AWUPRE register.
0: Measurement disabled
1: Measurement enabled
0AWUEN
Auto Wake-up from Halt Enabled
This bit enables the Auto Wake-up from Halt feature: Once Halt mode is entered,
the AWUFH wakes up the microcontroller after a time delay dependent on the
AWU prescaler value. It is set and cleared by software.
0: AWUFH (Auto Wake-up from Halt) mode disabled
1: AWUFH (Auto Wake-up from Halt) mode enabled
Note: Whatever the clock source, this bit should be set to enable the AWUFH mode
once the HALT instruction has been executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com