Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FLU09MATRE Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST7FLU09MATRE
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLU09MATRE Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST7FLU09MATRE Datasheet HTML 20Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 21Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 22Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 23Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 24Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 25Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 26Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 27Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 124 page
background image
Central processing unit
ST7LUS5, ST7LU05, ST7LU09
24/124
Figure 6.
CPU registers
5.3.4
Condition code register (CC)
The 8-bit condition code register contains the interrupt mask and four flags representative of
the result of the instruction just executed. This register can also be handled by the PUSH
and POP instructions.
These bits can be individually tested and/or controlled by specific instructions.
ACCUMULATOR
X INDEX REGISTER
Y INDEX REGISTER
STACK POINTER
CONDITION CODE REGISTER
PROGRAM COUNTER
70
1C
11 H I N Z
RESET VALUE = RESET VECTOR @ FFFEh-FFFFh
70
70
70
0
7
15
8
PCH
PCL
15
8 7
0
RESET VALUE = 1X
11X 1X X
RESET VALUE = XXh
RESET VALUE = XXh
RESET VALUE = XXh
X = Undefined value
RESET VALUE = STACK HIGHER ADDRESS
CC
Reset value: 111x1xxx
765
432
10
111
H
I
N
Z
C
-
-
-
R/W
R/W
R/W
R/W
R/W
Table 5.
CC register description
Bit Name
Function
7:5
-
Reserved, must remain set.
4H
Half carry
This bit is set by hardware when a carry occurs between bits 3 and 4 of the ALU
during an ADD or ADC instruction. It is reset by hardware during the same
instructions.
0: No half carry has occurred.
1: A half carry has occurred.
This bit is tested using the JRH or JRNH instruction. The H bit is useful in BCD
arithmetic subroutines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com