Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FLU09MATRE Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST7FLU09MATRE
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLU09MATRE Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST7FLU09MATRE Datasheet HTML 15Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 16Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 17Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 18Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 19Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 20Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 21Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 22Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
Flash program memory
19/124
Depending on the ICP driver code downloaded in RAM, Flash memory programming can be
fully customized (number of bytes to program, program locations, or selection of the serial
communication interface for downloading).
4.3.2
In-application programming (IAP)
This mode uses an IAP driver program previously programmed in Sector 0 by the user (in
ICP mode).
This mode is fully controlled by user software. This allows it to be adapted to the user
application (user-defined strategy for entering programming mode or choice of
communications protocol used to fetch the data to be stored, etc.).
IAP mode can be used to program any memory areas except Sector 0, which is write/erase
protected to allow recovery in case errors occur during the programming operation.
4.4
ICC interface
ICP needs a minimum of 4 and up to 6 pins to be connected to the programming tool. These
pins are:
●
RESET:
device reset
●
VSS:
device power supply ground
●
ICCCLK:
ICC output serial clock pin(a)
●
ICCDATA: ICC input serial data pin
●
CLKIN:
main clock input for external source
●
VDD:
application board power supply(b)
a.
If the ICCCLK or ICCDATA pins are only used as outputs in the application, no signal isolation is necessary. As
soon as the programming tool is plugged to the board, even if an ICC session is not in progress, the ICCCLK
and ICCDATA pins are not available for the application. If they are used as inputs by the application, isolation
such as a serial resistor has to be implemented in case another device forces the signal. Refer to the
programming tool documentation for recommended resistor values.
b.
The use of Pin 7 of the ICC connector depends on the programming tool architecture. This pin must be
connected when using most ST programming tools (it is used to monitor the application power supply). Please
refer to the programming tool manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com