Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FLU09MATRE Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST7FLU09MATRE
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLU09MATRE Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST7FLU09MATRE Datasheet HTML 66Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 67Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 68Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 69Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 70Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 71Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 72Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 73Page - STMicroelectronics ST7FLU09MATRE Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 124 page
background image
On-chip peripherals
ST7LUS5, ST7LU05, ST7LU09
70/124
Figure 33.
PWM signal example
Output compare mode
To use this function, the OE bit must be 0, otherwise the compare is done with the shadow
register instead of the DCRx register. Software must then write a 12-bit value in the DCR0H
and DCR0L registers. This value will be loaded immediately (without waiting for an OVF
event).
The DCR0H must be written first, the output compare function starts only when the DCR0L
value is written.
When the 12-bit up counter (CNTR) reaches the value stored in the DCR0H and DCR0L
registers, the CMPF0 bit in the PWM0CSR register is set and an interrupt request is
generated if the CMPIE bit is set.
Note:
The output compare function is only available for DCRx values other than 0 (reset value).
Caution:
At each OVF event, the DCRx value is written in a shadow register, even if the DCR0L value
has not yet been written (in this case, the shadow register will contain the new DCR0H value
and the old DCR0L value), then:
- If OE = 1 (PWM mode): the compare is done between the timer counter and the shadow
register (and not DCRx)
- if OE = 0 (OCMP mode): the compare is done between the timer counter and DCRx. There
is no PWM signal.
The compare between DCRx or the shadow register and the timer counter is locked until
DCR0L is written.
10.2.4
Low power modes
COUNTER
t
FFDh
FFEh
FFFh
FFDh
FFEh
FFFh
FFDh
FFEh
DCR0 = FFEh
ATR = FFDh
fCOUNTER
Table 38.
Effect of low power modes on AT timer
Mode
Description
Slow
The input frequency is divided by 32
Wait
No effect on AT timer
Active Halt
AT timer halted except if CK0 = 1, CK1 = 0 and OVFIE = 1
Halt
AT timer halted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com