Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDBT50Q-RX Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # MDBT50Q-RX
Description  Bluetooth Low Energy Module
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MDBT50Q-RX Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button MDBT50Q-RX Datasheet HTML 67Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 68Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 69Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 70Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 71Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 72Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 73Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 74Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 75Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 74 / 75 page
background image
74
⚫ 2019/11/04
Version F
(1) Added wireless range under radio data rate of 125kbps on front page.
(2) Added tolerance information of PCB size and refined descriptions of layout suggestion
in Chapter 2: Product Dimension.
(3) Updated certification information and added section 11 in Chapter 9: Certification.
(4) Added nRF52833 to the chart in Chapter 11: Basic Facts of nRF52 Family & Full List
of Raytac ‘s BLE Modules.
⚫ 2020/02/11
Version G
(1) Corrected description of SWDIO & SWCLK in section 5 and added remarks about low
frequency GPIO in section 6 of Chapter 2.
(2) Refined description of default setting in Chapter 8.
⚫ 2020/06/19
Version H
(1) Updated tolerance of PCB size in Chapter 2: Product Dimension.
(2) C
orrected note “D-“ and “D+” in Chapter 8: Reference Circuit
(3) Added nRF52820 in Chapter 11: Basic Facts of nRF52 Family.
(4)
Updated Full List of Raytac’s BLE modules.
⚫ 2020/12/30
Version I
(1) Updated information of T&R in Chapter 4: Shipment Packaging Information.
(2) Added BT 5.2 SIG approval & NCC Certificate in Chapter 9: Certification.
(3) Updated table in Chapter 11: Basic Facts for nRF52 Family.
(4) U
pdated Full List of Raytac’s BLE Modules
⚫ 2021/05/28
Version J
(1) Updated MPQ information for T&R package in Chapter 4: Shipment Packaging
Information.
(2) U
pdated Chapter 5: Specification corresponding to Nordic’s new nRF52840 Product
Specification V1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com