Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDBT50Q-RX Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # MDBT50Q-RX
Description  Bluetooth Low Energy Module
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MDBT50Q-RX Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button MDBT50Q-RX Datasheet HTML 33Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 34Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 35Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 36Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 37Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 38Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 39Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 40Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 75 page
background image
37
8. Reference Circuit
This chapter shows a different combination of reference circuits. Before getting started,
please read below notes carefully because it is applied to all the reference circuits.
⚫
32MHz crystal and RF (VDD) DC/DC inductor (Reg1) are already inside the module.
⚫
Module is pre-programmed with Raytac testing code. Default is using LDO mode
and need to add external 32.768khz to work.
You can use DC-DC mode without adding external 32.768khz, they are NOT related
events.
⚫
When using internal 32.768khz RC oscillator, please remove X2 / C12 / C13.
⚫
Recommended L4 spec: 10
����H, 0603 Chip Inductor, IDC, min = 80mA, ±20%.
⚫
When NOT using NFC, please remove NFC1 / C19 / C21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com