Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDBT50Q-RX Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # MDBT50Q-RX
Description  Bluetooth Low Energy Module
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MDBT50Q-RX Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button MDBT50Q-RX Datasheet HTML 66Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 67Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 68Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 69Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 70Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 71Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 72Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 73Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 75 page
background image
70
⚫ MDBT42 Series (WLCSP Package IC)
Series
Nordic
Solution
Raytac No.
IC
Ver.
Antenna
RAM
Flash
Memory
MDBT42
nRF52832
MDBT42-512KV2
2
Chip
Antenna
64 kb
512 K
MDBT42-P
MDBT42-P512KV2
PCB
Antenna
⚫ MDBT42V Series (WLCSP Package IC)
Series
Nordic
Solution
Raytac No.
IC
Ver.
Antenna
RAM
Flash
Memory
MDBT42V
nRF52832
MDBT42V-512KV2
2
Chip
Antenna
64 kb
512 K
MDBT42V-P
MDBT42V-P512KV2
PCB
Antenna
⚫ MDBT42T Series (WLCSP Package IC)
Series
Nordic
Solution
Raytac No.
IC
Ver.
Antenna
RAM
Flash
Memory
MDBT42T
nRF52805
MDBT42T-192K
1
Chip
Antenna
24 kb
192 K
MDBT42T-P
MDBT42T-P192K
PCB
Antenna
⚫ MDBT42TV Series (WLCSP Package IC)
Series
Nordic
Solution
Raytac No.
IC
Ver.
Antenna
RAM
Flash
Memory
MDBT42TV
nRF52805
MDBT42TV-192K
1
Chip
Antenna
24 kb
192 K
MDBT42TV-P
MDBT42TV-P192K
PCB
Antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com