Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDBT50Q-RX Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # MDBT50Q-RX
Description  Bluetooth Low Energy Module
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MDBT50Q-RX Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button MDBT50Q-RX Datasheet HTML 61Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 62Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 63Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 64Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 65Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 66Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 67Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 68Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
65
9.11.3.
NCC (Taiwan)
請依下列標籤式樣自製標籤,標貼或印鑄於器材本體明顯處,始得販賣或公開陳列。
Series
標籤樣式
MDBT50Q Series
MDBT50Q-P Series
以 MDBT50Q 為例,平台廠商必須於平台上標示字樣「本產品內含射頻模組:ID 編號
CCAM18LP0820T7」
。
「平台」定義如下:若器材組裝本案模組,消費者仍能正常使用該器材主要功能,該器材得視
為平台。若器材不組裝本案模組,消費者不能正常使用該器材主要功能,該器材不能視為平台。
該類不同廠牌型號器材組裝本案審驗模組後,須分別申請型式認證。
9.11.4.
IC (Canada)
The IC statement should be included in the user manual when there is no enough space on
label. Otherwise, it should be included on the label.
“This device complies with Industry Canada license-exempt RSS Standard(s). Operation is
subject to the following two conditions. (1) This device may not cause harmful interference. (2)
This device must accept any interference received, including interference that may cause
undesired operation.
Le présent appareil est conforme aux CNR d'Industrie Canada applicables aux appareils
radio exempts de licence.L'exploitation est autorisée aux deux conditions suivantes: (1)
l'appareil ne doit pas produire de brouillage, et (2) l'utilisateur de l'appareil doit accepter tout
brouillage radioélectrique subi, même si le brouillage est susceptible d'en compromettre le
fonctionnement.”
The final end product must be labeled in a visible area with the following:
“Contain IC ID:
8017A-MDBT50Q
”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com