Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDBT50Q-RX Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # MDBT50Q-RX
Description  Bluetooth Low Energy Module
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MDBT50Q-RX Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button MDBT50Q-RX Datasheet HTML 62Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 63Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 64Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 65Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 66Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 67Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 68Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 69Page - List of Unclassifed Manufacturers MDBT50Q-RX Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 75 page
background image
66
10. Notes and Cautions
Module is not designed to last for a lifetime. Like general products, it is expected to be worn
out after continuous usage through the years. To assure that product will perform better and
last longer, please make sure you:
⚫
Follow the guidelines of this document while designing circuit/end-product. Any
discrepancy of core Bluetooth technology and technical specification of IC should refer to
definition of Bluetooth Organization and Nordic Semiconductor as final reference.
⚫
Do not supply voltage that is not within range of specification.
⚫
Eliminate static electricity at any cost when working with the module as it may cause
damage. It is highly recommended adding anti-ESD components to circuit design to
prevent damage from real-life ESD events. Anti-ESD methods can be also applied in
mechanical design.
⚫
Do not expose modules under direct sunlight for long duration. Modules should be kept
away from humid and salty air conditions, and any corrosive gasses or substances. Store
it within -40℃ to +125℃ before and after installation.
⚫
Avoid any physical shock, intense stress to the module or its surface.
⚫
Do not wash the module. No-Clean Paste is used in production. Washing it will oxidize
the metal shield and have chemistry reaction with No-Clean Paste. Functions of the
module are not guaranteed if it has been washed.
The module is not suitable for life support device or system and not allowed to be used in
destructive device or systems in any direct or indirect ways. The customer agrees to
indemnify Raytac for any losses when applying modules in applications such as the ones
described above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com