Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDEV-PROTO Datasheet(PDF) 6 Page - Linx Technologies

Part # MDEV-PROTO
Description  HumPRCTM Series Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-PROTO Datasheet(HTML) 6 Page - Linx Technologies

Back Button MDEV-PROTO Datasheet HTML 2Page - Linx Technologies MDEV-PROTO Datasheet HTML 3Page - Linx Technologies MDEV-PROTO Datasheet HTML 4Page - Linx Technologies MDEV-PROTO Datasheet HTML 5Page - Linx Technologies MDEV-PROTO Datasheet HTML 6Page - Linx Technologies MDEV-PROTO Datasheet HTML 7Page - Linx Technologies MDEV-PROTO Datasheet HTML 8Page - Linx Technologies MDEV-PROTO Datasheet HTML 9Page - Linx Technologies MDEV-PROTO Datasheet HTML 10Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
–
–
2
Ordering Information
Figure 2: Ordering Information
Ordering Information
Part Number
Description
EVM-868-PRC
868MHz HumPRC™ Series Carrier Board, Not Certified,
Through-Hole Pin Interface, MMCX Connector for the
Development System
EVM-900-PRC
900MHz HumPRC™ Series Carrier Board, Not Certified,
Through-Hole Pin Interface, MMCX Connector for the
Development System
EVM-868-PRC-CAS
868MHz HumPRC™ Series Carrier Board, Through-Hole Pin
Interface, SMA Connector
EVM-868-PRC-UFL
868MHz HumPRC™ Series Carrier Board, Through-Hole Pin
Interface, U.FL / MHF Compatible Connector
EVM-900-PRC-CAS
900MHz HumPRC™ Series Carrier Board, Through-Hole Pin
Interface, RP-SMA Connector, FCC & IC Certified
EVM-900-PRC-UFL
900MHz HumPRC™ Series Carrier Board, Through-Hole Pin
Interface, U.FL / MHF Compatible Connector, FCC & IC Certified
HUM-868-PRC
868MHz HumPRC™ Series Remote Control Transceiver,
Castellation Interface, External Antenna Connection
HUM-900-PRC
900MHz HumPRC™ Series Remote Control Transceiver,
Castellation Interface, External Antenna Connection
HUM-868-PRC-CAS
868MHz HumPRC™ Series Remote Control Transceiver,
Castellation Interface, External Antenna Connection
HUM-868-PRC-UFL
868MHz HumPRC™ Series Remote Control Transceiver,
Castellation Interface, U.FL / MHF Compatible Connector
HUM-900-PRC-CAS
900MHz HumPRC™ Series Remote Control Transceiver,
Castellation Interface, External Antenna Connection, FCC & IC
Certified
HUM-900-PRC-UFL
900MHz HumPRC™ Series Remote Control Transceiver,
Castellation Interface, U.FL / MHF Compatible Connector, FCC &
IC Certified
MDEV-868-PRC
868MHz HumPRC™ Series Master Development System
MDEV-900-PRC
900MHz HumPRC™ Series Master Development System
MDEV-PGDOCK
Development System Programming Dock
MDEV-PROTO
Development System Prototype Board
CON-SOC-EVM
EVM Module Socket Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com