Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDEV-PROTO Datasheet(PDF) 10 Page - Linx Technologies

Part # MDEV-PROTO
Description  HumPRCTM Series Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-PROTO Datasheet(HTML) 10 Page - Linx Technologies

Back Button MDEV-PROTO Datasheet HTML 6Page - Linx Technologies MDEV-PROTO Datasheet HTML 7Page - Linx Technologies MDEV-PROTO Datasheet HTML 8Page - Linx Technologies MDEV-PROTO Datasheet HTML 9Page - Linx Technologies MDEV-PROTO Datasheet HTML 10Page - Linx Technologies MDEV-PROTO Datasheet HTML 11Page - Linx Technologies MDEV-PROTO Datasheet HTML 12Page - Linx Technologies MDEV-PROTO Datasheet HTML 13Page - Linx Technologies MDEV-PROTO Datasheet HTML 14Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
–
–
6
7 MODE_IND
9 CMD_DATA_IN
11 LATCH_EN
13 ACK_EN
15 CMD_DATA_OUT
17 VCC
19 C0
21 C1
23 NC
25 NC
27 NC
29 NC
31 NC
33 NC
35 NC
37 NC
GND 6
RESET 8
POWER_DOWN 10
NC 12
PAIR 14
LNA_EN 16
NC 18
PA_EN 20
NC 22
NC 24
NC 26
NC 28
NC 30
NC 32
NC 34
NC 36
41 S3
42 S4
43 S5
44 S6
45 S7
46 ACK_OUT
47 NC
48 NC
49 NC
50 NC
51 NC
52 NC
53 NC
54 NC
55 NC
56 NC
40 S2
39 S1
38 S0
ANTENNA 1
2-5 GND (RF Connector)
Figure 7: EVM-fff-PRC Pin Assignments
Pin Descriptions
Pin Assignments
Pin Descriptions
Pin Number
Name
I/O Description
1
ANTENNA
—
50-ohm RF Antenna Port
2, 3, 4, 5, 6
GND
—
Ground
7
MODE_IND
O
Mode Indicator. This line indicates module
activity. It can source enough current to drive
a small LED, causing it to flash. The duration
of the flashes indicates the module’s current
state.
8
RESET2
I
This line resets the module when pulled low.
It should be pulled high for normal operation.
9
CMD_DATA_IN
I
Command Data In. Input line for the serial
interface commands. If serial control is not
used, this line should be tied to supply to
minimize current consumption.
10
POWER_DOWN
I
Power Down. Pulling this line low places the
module into a low-power state. The module
is not functional in this state. Pull high for
normal operation. Do not leave floating.
11
LATCH_EN
I
If this line is high, then the status line outputs
are latched (a received command to activate
a status line toggles the output state). If low,
then the output lines are momentary (active
for as long as a valid signal is received).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com