Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDEV-PROTO Datasheet(PDF) 14 Page - Linx Technologies

Part # MDEV-PROTO
Description  HumPRCTM Series Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-PROTO Datasheet(HTML) 14 Page - Linx Technologies

Back Button MDEV-PROTO Datasheet HTML 8Page - Linx Technologies MDEV-PROTO Datasheet HTML 9Page - Linx Technologies MDEV-PROTO Datasheet HTML 10Page - Linx Technologies MDEV-PROTO Datasheet HTML 11Page - Linx Technologies MDEV-PROTO Datasheet HTML 12Page - Linx Technologies MDEV-PROTO Datasheet HTML 13Page - Linx Technologies MDEV-PROTO Datasheet HTML 14Page - Linx Technologies MDEV-PROTO Datasheet HTML 15Page - Linx Technologies MDEV-PROTO Datasheet HTML 16Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
–
–
10
29.72 mm
(1.170 in)
26.64 mm
(0.970 in)
2.79 mm
(0.110 in)
6.09 mm
(0.240 in)
8.35 mm
(0.329 in)
29.72 mm
(1.170 in)
26.64 mm
(0.970 in)
6.53 mm
(0.257 in)
9.83 mm
(0.387 in)
Dimensions
The figures below show the dimensions for the three variants of the
module.
Figure 11: EVM-fff-PRC Dimensions
Figure 12: EVM-fff-PRC-UFL Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com