Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDEV-PROTO Datasheet(PDF) 5 Page - Linx Technologies

Part # MDEV-PROTO
Description  HumPRCTM Series Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-PROTO Datasheet(HTML) 5 Page - Linx Technologies

  MDEV-PROTO Datasheet HTML 1Page - Linx Technologies MDEV-PROTO Datasheet HTML 2Page - Linx Technologies MDEV-PROTO Datasheet HTML 3Page - Linx Technologies MDEV-PROTO Datasheet HTML 4Page - Linx Technologies MDEV-PROTO Datasheet HTML 5Page - Linx Technologies MDEV-PROTO Datasheet HTML 6Page - Linx Technologies MDEV-PROTO Datasheet HTML 7Page - Linx Technologies MDEV-PROTO Datasheet HTML 8Page - Linx Technologies MDEV-PROTO Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
–
–
1
Description
The HumPRCTM Series is the most complete system to integrate
bi-directional remote control into many different applications. No
programming is required and both module and finished hardware options
are available, making it the easiest solution to implement.
The module provides long-range transmission at 868MHz and 900MHz for
multi-region operation, utilizing frequency hopping and industry-standard
encryption for secure and robust communications. The HumPRCTM
Series interoperates with Linx’s HumPROTM family, making it the only
remote control solution that simultaneously supports data applications for
seamless integration with sensor and control IoT applications.
The evaluation module contains the surface mount HumPRCTM Series
transceiver module on a board with through-hole headers. This small board
simplifies prototyping with the HumPRCTM Series module, allowing it to be
integrated into a host PCB without requiring any soldering.
There are three versions of the evaluation module, populated with the
three versions of the HumPRCTM Series module. The standard version has
the standard module and an MMCX connector for use with the Master
Development System. The “-CAS” version has an edge-mount SMA
(868MHz) or RP-SMA (900MHz) connector for the antenna . The “-UFL”
version uses the module’s on-board U.FL connector for the antenna.
HumPRCTM Series Evaluation Module
Data Guide
Revised 10/15/2018
Figure 1: HumPRCTM Series Evaluation Modules; from left: EVM-***-PRC, EVM-***-PRC-CAS, EVM-***-PRC-UFL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com