Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDEV-PROTO Datasheet(PDF) 11 Page - Linx Technologies

Part # MDEV-PROTO
Description  HumPRCTM Series Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-PROTO Datasheet(HTML) 11 Page - Linx Technologies

Back Button MDEV-PROTO Datasheet HTML 7Page - Linx Technologies MDEV-PROTO Datasheet HTML 8Page - Linx Technologies MDEV-PROTO Datasheet HTML 9Page - Linx Technologies MDEV-PROTO Datasheet HTML 10Page - Linx Technologies MDEV-PROTO Datasheet HTML 11Page - Linx Technologies MDEV-PROTO Datasheet HTML 12Page - Linx Technologies MDEV-PROTO Datasheet HTML 13Page - Linx Technologies MDEV-PROTO Datasheet HTML 14Page - Linx Technologies MDEV-PROTO Datasheet HTML 15Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
–
–
7
Pin Descriptions
Pin Number
Name
I/O Description
12, 18,
22–37, 47-56
NC
—
No Electrical Connection. Do not connect
any traces to these lines.
13
ACK_EN
I
Pull this line high to enable the module to
send an acknowledgement message after a
valid control message has been received.
14
PAIR1
I
A high on this line initiates the Pair process,
which causes two units to accept each
other’s transmissions. It is also used with
a special sequence to reset the module to
factory default configuration.
15
CMD_DATA_OUT
O
Command Data Out. Output line for data
and serial commands
16
LNA_EN
O
Low Noise Amplifier Enable. This line is
driven high when receiving. It is intended to
activate an optional external LNA.
17
VCC
—
Supply Voltage
19
C0
I
This line sets the input/output direction for
status lines S0-S3. When low, the lines are
outputs; when high they are inputs.
20
PA_EN
O
Power Amplifier Enable. This line is driven
high when transmitting. It is intended to
activate an optional external power amplifier.
21
C1
I
This line sets the input/output direction for
status lines S4-S7. When low, the lines are
outputs; when high they are inputs.
38–45
S0–S71
I/O
Status Lines. Each line can be configured
as either an input to register button or
contact closures or as an output to control
application circuitry.
46
ACK_OUT
O
This line goes high when the module
receives an acknowledgement message
from another module after sending a control
message.
1.
These lines have an internal 20k
Ω pull-down resistor
2.
These lines have an internal 10k
Ω pull-up resistor
Figure 8: EVM-fff-PRC Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com