Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC33EP64GS708 Datasheet(PDF) 60 Page - Microchip Technology

Part # DSPIC33EP64GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP64GS708 Datasheet(HTML) 60 Page - Microchip Technology

Back Button DSPIC33EP64GS708 Datasheet HTML 56Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 57Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 58Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 59Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 60Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 61Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 62Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 63Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 60
 2016-2018 Microchip Technology Inc.
4.9
Interfacing Program and Data
Memory Spaces
The dsPIC33EPXXXGS70X/80X family architecture
uses a 24-bit wide Program Space (PS) and a 16-bit
wide Data Space (DS). The architecture is also a
modified Harvard scheme, meaning that data can also
be present in the Program Space. To use this data
successfully, it must be accessed in a way that preserves
the alignment of information in both spaces.
Aside from normal execution, the architecture of the
dsPIC33EPXXXGS70X/80X family devices provides
two methods by which Program Space can be
accessed during operation:
• Using table instructions to access individual bytes
or words anywhere in the Program Space
• Remapping a portion of the Program Space into
the Data Space (Program Space Visibility)
Table instructions allow an application to read or write
to small areas of the program memory. This capability
makes the method ideal for accessing data tables that
need to be updated periodically. It also allows access
to all bytes of the program word. The remapping
method allows an application to access a large block of
data on a read-only basis, which is ideal for look-ups
from a large table of static data. The application can
only access the least significant word of the program
word.
TABLE 4-19:
PROGRAM SPACE ADDRESS CONSTRUCTION
FIGURE 4-12:
DATA ACCESS FROM PROGRAM SPACE ADDRESS GENERATION
Access Type
Access
Space
Program Space Address
<23>
<22:16>
<15>
<14:1>
<0>
Instruction Access
(Code Execution)
User
0
PC<22:1>
0
0xxx xxxx xxxx xxxx xxxx xxx0
TBLRD/TBLWT
(Byte/Word Read/Write)
User
TBLPAG<7:0>
Data EA<15:0>
0xxx xxxx
xxxx xxxx xxxx xxxx
Configuration
TBLPAG<7:0>
Data EA<15:0>
1xxx xxxx
xxxx xxxx xxxx xxxx
0
Program Counter
23 Bits
Program Counter(1)
TBLPAG
8 Bits
EA
16 Bits
Byte Select
0
1/0
User/Configuration
Table Operations(2)
Space Select
24 Bits
1/0
Note 1:
The Least Significant bit (LSb) of Program Space addresses is always fixed as ‘0’ to maintain
word alignment of data in the Program and Data Spaces.
2:
Table operations are not required to be word-aligned. Table Read operations are permitted in the
configuration memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com