Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC33EP64GS708 Datasheet(PDF) 20 Page - Microchip Technology

Part # DSPIC33EP64GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP64GS708 Datasheet(HTML) 20 Page - Microchip Technology

Back Button DSPIC33EP64GS708 Datasheet HTML 16Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 17Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 18Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 19Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 20Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 21Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 22Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 23Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 20
 2016-2018 Microchip Technology Inc.
2.7
Oscillator Value Conditions on
Device Start-up
If the PLL of the target device is enabled and
configured for the device start-up oscillator, the
maximum oscillator source frequency must be limited
to 3 MHz < FIN < 5.5 MHz to comply with device PLL
start-up conditions. This means that if the external
oscillator frequency is outside this range, the
application must start up in the FRC mode first. The
default PLL settings, after a POR with an oscillator
frequency outside this range, will violate the device
operating speed.
Once the device powers up, the application firmware
can initialize the PLL SFRs, CLKDIV and PLLFBD, to a
suitable value, and then perform a clock switch to the
Oscillator + PLL clock source. Note that clock switching
must be enabled in the device Configuration Word.
2.8
Unused I/Os
Unused I/O pins should be configured as outputs and
driven to a logic low state.
Alternatively, connect a 1k to 10k resistor between VSS
and unused pins, and drive the output to logic low.
2.9
Targeted Applications
• Power Factor Correction (PFC)
- Interleaved PFC
- Critical Conduction PFC
- Bridgeless PFC
• DC/DC Converters
- Buck, Boost, Forward, Flyback, Push-Pull
- Half/Full-Bridge
- Phase-Shift Full-Bridge
- Resonant Converters
• DC/AC
- Half/Full-Bridge Inverter
- Resonant Inverter
Examples of typical application connections are shown
in Figure 2-4 through Figure 2-6.
FIGURE 2-4:
INTERLEAVED PFC
VAC
VOUT+
PGA/ADC Channel
PWM
ADC
PWM
|VAC|
k4
k3
FET
dsPIC33EPXXXGS70X/80X
Driver
VOUT-
ADC Channel
PGA/ADC
Channel
Channel
PGA/ADC
Channel
k2
FET
Driver
k1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com