Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC33EP64GS708 Datasheet(PDF) 54 Page - Microchip Technology

Part # DSPIC33EP64GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP64GS708 Datasheet(HTML) 54 Page - Microchip Technology

Back Button DSPIC33EP64GS708 Datasheet HTML 50Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 51Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 52Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 53Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 54Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 55Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 56Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 57Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 54
 2016-2018 Microchip Technology Inc.
4.5.2
EXTENDED X DATA SPACE
The lower portion of the base address space range,
between 0x0000 and 0x7FFF, is always accessible,
regardless of the contents of the Data Space Read
Page register. It is indirectly addressable through the
register indirect instructions. It can be regarded as
being located in the default EDS Page 0 (i.e., EDS
address range of 0x000000 to 0x007FFF with the base
address bit, EA<15> = 0, for this address range). How-
ever, Page 0 cannot be accessed through the upper
32 Kbytes, 0x8000 to 0xFFFF, of base Data Space in
combination with DSRPAG = 0x000. Consequently,
DSRPAG is initialized to 0x001 at Reset.
The remaining PSV pages are only accessible using
the DSRPAG register in combination with the upper
32 Kbytes, 0x8000 to 0xFFFF, of the base address,
where base address bit, EA<15> = 1.
4.5.3
SOFTWARE STACK
The W15 register serves as a dedicated Software
Stack Pointer (SSP), and is automatically modified by
exception processing, subroutine calls and returns;
however, W15 can be referenced by any instruction in
the same manner as all other W registers. This simpli-
fies reading, writing and manipulating the Stack Pointer
(for example, creating stack frames).
W15 is initialized to 0x1000 during all Resets. This
address ensures that the SSP points to valid RAM in all
dsPIC33EPXXXGS70X/80X devices and permits stack
availability for non-maskable trap exceptions. These can
occur before the SSP is initialized by the user software.
You can reprogram the SSP during initialization to any
location within Data Space.
The Software Stack Pointer always points to the first
available free word and fills the software stack, work-
ing from lower toward higher addresses. Figure 4-9
illustrates how it pre-decrements for a stack pop
(read) and post-increments for a stack push (writes).
When the PC is pushed onto the stack, PC<15:0> are
pushed onto the first available stack word, then
PC<22:16> are pushed into the second available stack
location. For a PC push during any CALL instruction,
the MSB of the PC is zero-extended before the push,
as shown in Figure 4-9. During exception processing,
the MSB of the PC is concatenated with the lower eight
bits of the CPU STATUS Register, SR. This allows the
contents of SRL to be preserved automatically during
interrupt processing.
FIGURE 4-9:
CALL STACK FRAME
Note 1: DSRPAG should not be used to access
Page 0. An EDS access with DSRPAG
set to 0x000 will generate an address
error trap.
2: Clearing the DSRPAG in software has no
effect.
Note:
To protect against misaligned stack
accesses, W15<0> is fixed to ‘0’ by the
hardware.
Note 1: To maintain system Stack Pointer (W15)
coherency, W15 is never subject to
(EDS) paging, and is therefore, restricted
to an address range of 0x0000 to
0xFFFF. The same applies to W14 when
used as a Stack Frame Pointer (SFA = 1).
2: As the stack can be placed in, and can
access X and Y spaces, care must be
taken regarding its use, particularly with
regard to local automatic variables in a C
development environment
<Free Word>
PC<15:1>
b‘000000000’
0
15
W15 (before CALL)
W15 (after CALL)
0x0000
PC<22:16>
CALL SUBR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com