Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC33EP64GS708 Datasheet(PDF) 55 Page - Microchip Technology

Part # DSPIC33EP64GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP64GS708 Datasheet(HTML) 55 Page - Microchip Technology

Back Button DSPIC33EP64GS708 Datasheet HTML 51Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 52Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 53Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 54Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 55Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 56Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 57Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 58Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 55
dsPIC33EPXXXGS70X/80X FAMILY
4.6
Instruction Addressing Modes
The addressing modes shown in Table 4-17 form the
basis of the addressing modes optimized to support the
specific features of individual instructions. The address-
ing modes provided in the MAC class of instructions differ
from those in the other instruction types.
4.6.1
FILE REGISTER INSTRUCTIONS
Most file register instructions use a 13-bit address field (f)
to directly address data present in the first 8192 bytes
of data memory (Near Data Space). Most file register
instructions employ a Working register, W0, which is
denoted as WREG in these instructions. The destina-
tion is typically either the same file register or WREG
(with the exception of the MUL instruction), which writes
the result to a register or register pair. The MOV instruc-
tion allows additional flexibility and can access the
entire Data Space.
4.6.2
MCU INSTRUCTIONS
The three-operand MCU instructions are of the form:
Operand 3 = Operand 1 <function> Operand 2
where Operand 1 is always a Working register (that is,
the addressing mode can only be Register Direct),
which is referred to as Wb. Operand 2 can be a W
register fetched from data memory or a 5-bit literal. The
result location can either be a W register or a data
memory location. The following addressing modes are
supported by MCU instructions:
• Register Direct
• Register Indirect
• Register Indirect Post-Modified
• Register Indirect Pre-Modified
• 5-Bit or 10-Bit Literal
TABLE 4-17:
FUNDAMENTAL ADDRESSING MODES SUPPORTED
Note:
Not all instructions support all the
addressing modes given above. Individ-
ual instructions can support different
subsets of these addressing modes.
Addressing Mode
Description
File Register Direct
The address of the file register is specified explicitly.
Register Direct
The contents of a register are accessed directly.
Register Indirect
The contents of Wn form the Effective Address (EA).
Register Indirect Post-Modified
The contents of Wn form the EA. Wn is post-modified (incremented
or decremented) by a constant value.
Register Indirect Pre-Modified
Wn is pre-modified (incremented or decremented) by a signed constant value
to form the EA.
Register Indirect with Register Offset
(Register Indexed)
The sum of Wn and Wb forms the EA.
Register Indirect with Literal Offset
The sum of Wn and a literal forms the EA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com