Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC33EP64GS708 Datasheet(PDF) 53 Page - Microchip Technology

Part # DSPIC33EP64GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP64GS708 Datasheet(HTML) 53 Page - Microchip Technology

Back Button DSPIC33EP64GS708 Datasheet HTML 49Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 50Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 51Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 52Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 53Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 54Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 55Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 56Page - Microchip Technology DSPIC33EP64GS708 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 53
dsPIC33EPXXXGS70X/80X FAMILY
When a PSV page overflow or underflow occurs,
EA<15> is cleared as a result of the register indirect EA
calculation. An overflow or underflow of the EA in the
PSV pages can occur at the page boundaries when:
• The initial address, prior to modification,
addresses the PSV page
• The EA calculation uses Pre- or Post-Modified
Register Indirect Addressing; however, this does
not include Register Offset Addressing
In general, when an overflow is detected, the DSRPAG
register is incremented and the EA<15> bit is set to keep
the base address within the PSV window. When an
underflow is detected, the DSRPAG register is decre-
mented and the EA<15> bit is set to keep the base
address within the PSV window. This creates a linear
PSV address space, but only when using Register
Indirect Addressing modes.
Exceptions to the operation described above arise
when entering and exiting the boundaries of Page 0
and PSV spaces. Table 4-16 lists the effects of overflow
and underflow scenarios at different boundaries.
In the following cases, when overflow or underflow
occurs, the EA<15> bit is set and the DSRPAG is not
modified; therefore, the EA will wrap to the beginning of
the current page:
• Register Indirect with Register Offset Addressing
• Modulo Addressing
• Bit-Reversed Addressing
TABLE 4-16:
OVERFLOW AND UNDERFLOW SCENARIOS AT PAGE 0 AND
PSV SPACE BOUNDARIES(2,3,4)
O/U,
R/W
Operation
Before
After
DSxPAG
DS
EA<15>
Page
Description
DSxPAG
DS
EA<15>
Page
Description
O,
Read
[++Wn]
or
[Wn++]
DSRPAG = 0x2FF
1
PSV: Last lsw
page
DSRPAG = 0x300
1
PSV: First MSB
page
O,
Read
DSRPAG = 0x3FF
1
PSV: Last MSB
page
DSRPAG = 0x3FF
0
See Note 1
U,
Read
[--Wn]
or
[Wn--]
DSRPAG = 0x001
1
PSV page
DSRPAG = 0x001
0
See Note 1
U,
Read
DSRPAG = 0x200
1
PSV: First lsw
page
DSRPAG = 0x200
0
See Note 1
U,
Read
DSRPAG = 0x300
1
PSV: First MSB
page
DSRPAG = 0x2FF
1
PSV: Last lsw
page
Legend: O = Overflow, U = Underflow, R = Read, W = Write
Note 1:
The Register Indirect Addressing now addresses a location in the base Data Space (0x0000-0x7FFF).
2:
An EDS access, with DSRPAG = 0x000, will generate an address error trap.
3:
Only reads from PS are supported using DSRPAG.
4:
Pseudolinear Addressing is not supported for large offsets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com