Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLVH431BCLP Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TLVH431BCLP
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVH431BCLP Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLVH431BCLP Datasheet HTML 25Page - Texas Instruments TLVH431BCLP Datasheet HTML 26Page - Texas Instruments TLVH431BCLP Datasheet HTML 27Page - Texas Instruments TLVH431BCLP Datasheet HTML 28Page - Texas Instruments TLVH431BCLP Datasheet HTML 29Page - Texas Instruments TLVH431BCLP Datasheet HTML 30Page - Texas Instruments TLVH431BCLP Datasheet HTML 31Page - Texas Instruments TLVH431BCLP Datasheet HTML 32Page - Texas Instruments TLVH431BCLP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TLVH432CDBZT
ACTIVE
SOT-23
DBZ
3
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TLVH432CDBZTG4
ACTIVE
SOT-23
DBZ
3
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TLVH432CPK
ACTIVE
SOT-89
PK
3
1000
TBD
CU SNPB
Level-1-220C-UNLIM
TLVH432CPKG3
ACTIVE
SOT-89
PK
3
1000 Green (RoHS &
no Sb/Br)
CU SN
Level-2-260C-1YEAR
TLVH432IDBZR
ACTIVE
SOT-23
DBZ
3
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TLVH432IDBZRG4
ACTIVE
SOT-23
DBZ
3
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TLVH432IDBZT
ACTIVE
SOT-23
DBZ
3
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TLVH432IDBZTG4
ACTIVE
SOT-23
DBZ
3
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TLVH432IPK
ACTIVE
SOT-89
PK
3
1000
TBD
CU SNPB
Level-1-220C-UNLIM
TLVH432IPKG3
ACTIVE
SOT-89
PK
3
1000 Green (RoHS &
no Sb/Br)
CU SN
Level-2-260C-1YEAR
TLVH432QDBZR
ACTIVE
SOT-23
DBZ
3
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TLVH432QDBZRG4
ACTIVE
SOT-23
DBZ
3
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TLVH432QDBZT
ACTIVE
SOT-23
DBZ
3
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TLVH432QDBZTG4
ACTIVE
SOT-23
DBZ
3
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TLVH432QPK
ACTIVE
SOT-89
PK
3
1000
TBD
CU SNPB
Level-1-220C-UNLIM
TLVH432QPKG3
ACTIVE
SOT-89
PK
3
1000 Green (RoHS &
no Sb/Br)
CU SN
Level-2-260C-1YEAR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
PACKAGE OPTION ADDENDUM
www.ti.com
4-Nov-2005
Addendum-Page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com