Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLVH431BCLP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLVH431BCLP
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVH431BCLP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLVH431BCLP Datasheet HTML 6Page - Texas Instruments TLVH431BCLP Datasheet HTML 7Page - Texas Instruments TLVH431BCLP Datasheet HTML 8Page - Texas Instruments TLVH431BCLP Datasheet HTML 9Page - Texas Instruments TLVH431BCLP Datasheet HTML 10Page - Texas Instruments TLVH431BCLP Datasheet HTML 11Page - Texas Instruments TLVH431BCLP Datasheet HTML 12Page - Texas Instruments TLVH431BCLP Datasheet HTML 13Page - Texas Instruments TLVH431BCLP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
www.ti.com
a
V
REF
ppm
oC
+
V
REF(dev)
V
REF (TA
+25
oC)
106
D
T
A
z
KA +
∆V
KA
∆I
K
z
KA +
∆V
∆I [
z
KA
1 )
R1
R2
TLVH431B Electrical Characteristics
DVREF
DVKA
TLVH431, TLVH431A, TLVH431B
TLVH432, TLVH432A, TLVH432B
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS555F – NOVEMBER 2004 – REVISED OCTOBER 2005
at 25
°C free-air temperature (unless otherwise noted)
TLVH431B
TLVH432B
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
TA = 25°C
1.234
1.24
1.246
TLVH431BC
1.227
1.253
VKA = VREF,
VREF
Reference voltage
V
TA = full range,
IK = 10 mA
TLVH431BI
1.224
1.259
See Figure 1(1)
TLVH431BQ
1.221
1.265
TLVH431BC
4
12
VREF deviation over full
VREF(dev)
VKA = VREF, IK = 10 mA, See Figure 1(1)
TLVH431BI
6
20
mV
temperature range(2)
TLVH431BQ
11
31
Ratio of VREF change to
IK = 10 mA, VK = VREF to 18 V, See Figure 2
–1.5
–2.7
mV/V
cathode voltage change
Iref
Reference terminal current
IK = 10 mA, R1 = 10 kΩ, R2 = open, See Figure 2
0.1
0.5
µA
TLVH431BC
0.05
0.3
Iref deviation over full
IK = 10 mA, R1 = 10 kΩ, R2 = open,
Iref(dev)
TLVH431BI
0.1
0.4
µA
temperature range(2)
See Figure 2(1)
TLVH431BQ
0.15
0.5
Minimum cathode current
IK(min)
VKA = VREF, See Figure 1
60
100
µA
for regulation
IK(off)
Off-state cathode current
VREF = 0, VKA = 18 V, See Figure 3
0.02
0.1
µA
|zKA|
Dynamic impedance(3)
VKA = VREF, f ≤ 1 kHz, IK = 0.1 mA to 80 mA, See Figure 1
0.25
0.4
Ω
(1)
Full temperature ranges are –40
°C to 125°C for TLVH431Q, –40°C to 85°C for TLVH431I, and 0°C to 70°C for TLVH431C.
(2)
The deviation parameters VREF(dev) and Iref(dev) are defined as the differences between the maximum and minimum values obtained over
the rated temperature range. The average full-range temperature coefficient of the reference input voltage,
αV
REF, is defined as:
where
∆T
A is the rated operating free-air temperature range of the device.
αV
REF can be positive or negative, depending on whether minimum VREF or maximum VREF, respectively, occurs at the lower
temperature.
(3)
The dynamic impedance is defined as:
When the device is operating with two external resistors (see Figure 2), the total dynamic impedance of the circuit is defined as:
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com