Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLVH431BCLP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLVH431BCLP
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVH431BCLP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLVH431BCLP Datasheet HTML 14Page - Texas Instruments TLVH431BCLP Datasheet HTML 15Page - Texas Instruments TLVH431BCLP Datasheet HTML 16Page - Texas Instruments TLVH431BCLP Datasheet HTML 17Page - Texas Instruments TLVH431BCLP Datasheet HTML 18Page - Texas Instruments TLVH431BCLP Datasheet HTML 19Page - Texas Instruments TLVH431BCLP Datasheet HTML 20Page - Texas Instruments TLVH431BCLP Datasheet HTML 21Page - Texas Instruments TLVH431BCLP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
www.ti.com
SMALL-SIGNAL VOLTAGE GAIN
/PHASE MARGIN
vs
FREQUENCY
10
µF
GND
Output
180
Ω
IK
6.8 k
Ω
1 k
10 k
100 k
1 M
100
f − Frequency − Hz
TEST CIRCUIT FOR VOLTAGE GAIN
AND PHASE MARGIN
80
70
60
50
40
30
20
10
0
−10
0
°
36
°
72
°
108
°
144
°
180
°
4.3 k
Ω
5 V
IK = 10 mA
TA = 25°C
−20
100
Ω
100
Ω
GND
Output
IK
0.1
1 k
10 k
100 k
1 M
10 M
1
f − Frequency − Hz
REFERENCE IMPEDANCE
vs
FREQUENCY
10
100
IK = 0.1 mA to 80 mA
TA = 25°C
TEST CIRCUIT FOR REFERENCE IMPEDANCE
0.01
−
+
TLVH431, TLVH431A, TLVH431B
TLVH432, TLVH432A, TLVH432B
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS555F – NOVEMBER 2004 – REVISED OCTOBER 2005
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 13.
Figure 14.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com