Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLVH431BCLP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLVH431BCLP
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVH431BCLP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLVH431BCLP Datasheet HTML 3Page - Texas Instruments TLVH431BCLP Datasheet HTML 4Page - Texas Instruments TLVH431BCLP Datasheet HTML 5Page - Texas Instruments TLVH431BCLP Datasheet HTML 6Page - Texas Instruments TLVH431BCLP Datasheet HTML 7Page - Texas Instruments TLVH431BCLP Datasheet HTML 8Page - Texas Instruments TLVH431BCLP Datasheet HTML 9Page - Texas Instruments TLVH431BCLP Datasheet HTML 10Page - Texas Instruments TLVH431BCLP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
TLVH431, TLVH431A, TLVH431B
TLVH432, TLVH432A, TLVH432B
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS555F – NOVEMBER 2004 – REVISED OCTOBER 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VKA
Cathode voltage(2)
20
V
IK
Cathode current range
–25
80
mA
Iref
Reference current range
–0.05
3
mA
DBV package
206
DBZ package
206
θ
JA
Package thermal impedance(3)(4)
DCK package
252
°C/W
LP package
140
PK package
52
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltage values are with respect to the anode terminal, unless otherwise noted.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VKA
Cathode voltage
VREF
18
V
IK
Cathode current (continuous)
0.1
80
mA
TLVH43X_C
0
70
TA
Operating free-air temperature
TLVH43X_I
–40
85
°C
TLVH43X_Q
–40
125
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com