Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLVH431BCLP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLVH431BCLP
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVH431BCLP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLVH431BCLP Datasheet HTML 11Page - Texas Instruments TLVH431BCLP Datasheet HTML 12Page - Texas Instruments TLVH431BCLP Datasheet HTML 13Page - Texas Instruments TLVH431BCLP Datasheet HTML 14Page - Texas Instruments TLVH431BCLP Datasheet HTML 15Page - Texas Instruments TLVH431BCLP Datasheet HTML 16Page - Texas Instruments TLVH431BCLP Datasheet HTML 17Page - Texas Instruments TLVH431BCLP Datasheet HTML 18Page - Texas Instruments TLVH431BCLP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
www.ti.com
−1.0
−0.9
−0.8
−0.7
−0.6
−0.5
−0.4
−0.3
−0.2
−0.1
0.0
−50
−25
0
25
50
75
100
125
150
IK = 10 mA
∆VKA = VREF to 18 V
RATIO OF DELTA REFERENCE VOLTAGE
TO DELTA CATHODE VOLTAGE
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
−1
0
− 0.025
− 0.075
− 0.1
− 0.125
0.025
PERCENTAGE CHANGE IN VREF
vs
OPERATING LIFE AT 55
°C
0
− 0.05
0
10
20
30
40
50
60
IK = 1 mA
Operating Life at 55
°C − kh(1)
% Change (3
δ)
% Change (−3
δ)
% Change (avg)
(1) Extrapolated from life-test data taken at 125
°C; the activation energy
assumed is 0.7 eV.
TLVH431, TLVH431A, TLVH431B
TLVH432, TLVH432A, TLVH432B
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS555F – NOVEMBER 2004 – REVISED OCTOBER 2005
PARAMETER MEASUREMENT INFORMATION (continued)
Operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied.
Figure 9.
Figure 10.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com