Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSH310 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH310
Description  400A High-Speed Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH310 Datasheet(HTML) 4 Page - STMicroelectronics

  TSH310 Datasheet HTML 1Page - STMicroelectronics TSH310 Datasheet HTML 2Page - STMicroelectronics TSH310 Datasheet HTML 3Page - STMicroelectronics TSH310 Datasheet HTML 4Page - STMicroelectronics TSH310 Datasheet HTML 5Page - STMicroelectronics TSH310 Datasheet HTML 6Page - STMicroelectronics TSH310 Datasheet HTML 7Page - STMicroelectronics TSH310 Datasheet HTML 8Page - STMicroelectronics TSH310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TSH310
Electrical Characteristics
4/19
Iout
Isink
Short-circuit Output current coming in
the op-amp.
See fig-8 for more details
Output to GND
70
110
mA
Tmin. < Tamb < Tmax.
100
Isource
Output current coming out from the op-
amp.
See fig-11 for more details
Output to GND
60
100
Tmin. < Tamb < Tmax.
85
Noise and distortion
eN
Equivalent Input Noise Voltage
see application note on page 13
F = 100kHz
7.5
nV/
√Hz
iN
Equivalent Input Noise Current (+)
see application note on page 13
F = 100kHz
13
pA/
√Hz
Equivalent Input Noise Current (-)
see application note on page 13
F = 100kHz
6pA/
√Hz
SFDR
Spurious Free Dynamic Range
The highest harmonic of the output
spectrum when injecting a filtered sine
wave
Vout = 2Vp-p, AV = +2,
RL = 1k
Ω
F = 1MHz
F = 10MHz
-87
-55
dBc
dBc
Table 4: Closed-loop gain and feedback components
VCC
(V)
Gain
Rfb
(
Ω)
-3dB Bw
(MHz)
0.1dB Bw
(MHz)
±2.5
+10
510
26
4
-10
510
23
4
+2
3k
120
6
-2
1.5k
80
10
+1
3k
210
5
-1
1.3k
120
60
Table 3: Electrical characteristics for VCC = ±2.5Volts, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19