| Electronic Components Datasheet Search |
|
TSH310 Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH310 Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 19 page ![]() TSH310 Power Supply Considerations 10/19 4 Power Supply Considerations Correct power supply bypassing is very important for optimizing performance in high-frequency ranges. Bypass capacitors should be placed as close as possible to the IC pins to improve high-frequency bypassing. A capacitor greater than 1 µF is necessary to minimize the distortion. For better quality bypassing, a capacitor of 10nF can be added using the same implementation conditions. Bypass capacitors must be incorporated for both the negative and the positive supply. For example: on the SO8_SINGLE_HF board, these capacitors are C6, C7, C8, C9. Single power supply In the event that a single supply system is used, new biasing is necessary to assume a positive output dynamic range between 0V and +VCC supply rails. Considering the values of VOH and VOL, the amplifier will provide an output dynamic from +0.9V to +4.1V on 1k Ω load. The amplifier must be biased with a mid-supply (nominally +VCC/2), in order to maintain the DC component of the signal at this value. Several options are possible to provide this bias supply, such as a virtual ground using an operational amplifier or a two-resistance divider (which is the cheapest solution). A high resistance value is required to limit the current consumption. On the other hand, the current must be high enough to bias the non-inverting input of the amplifier. If we consider this bias current (55 µA max.) as the 1% of the current through the resistance divider to keep a stable mid-supply, two resistances of 470 Ω can be used. The input provides a high pass filter with a break frequency below 10Hz which is necessary to remove the original 0 volt DC component of the input signal, and to fix it at +VCC/2. Figure 27 illustrates a 5V single power supply configuration for the SO8_SINGLE evaluation board (see Evaluation Boards on page 9). Figure 26: Circuit for power supply bypassing + -VCC +VCC 10microF + 10nF 10microF + 10nF - + -VCC +VCC 10microF + 10nF 10microF + 10nF - |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |