Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSH310 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH310
Description  400A High-Speed Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH310 Datasheet(HTML) 3 Page - STMicroelectronics

  TSH310 Datasheet HTML 1Page - STMicroelectronics TSH310 Datasheet HTML 2Page - STMicroelectronics TSH310 Datasheet HTML 3Page - STMicroelectronics TSH310 Datasheet HTML 4Page - STMicroelectronics TSH310 Datasheet HTML 5Page - STMicroelectronics TSH310 Datasheet HTML 6Page - STMicroelectronics TSH310 Datasheet HTML 7Page - STMicroelectronics TSH310 Datasheet HTML 8Page - STMicroelectronics TSH310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Electrical Characteristics
TSH310
3/19
2 Electrical Characteristics
Table 3: Electrical characteristics for VCC = ±2.5Volts, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DC performance
Vio
Input Offset Voltage
Offset Voltage between both inputs
Tamb
1.7
6.5
mV
Tmin. < Tamb < Tmax.
2.1
∆V
io
Vio drift vs. Temperature
Tmin. < Tamb < Tmax.
4
µV/°C
Iib+
Non Inverting Input Bias Current
DC current necessary to bias the input +
Tamb
3.1
12
µA
Tmin. < Tamb < Tmax.
3.5
Iib-
Inverting Input Bias Current
DC current necessary to bias the input -
Tamb
0.1
5
µA
Tmin. < Tamb < Tmax.
0.3
CMR
Common Mode Rejection Ratio
20 log (
∆V
ic/∆Vio)
∆V
ic = ±1V
-57
-61
dB
Tmin. < Tamb < Tmax.
-59
SVR
Supply Voltage Rejection Ratio
20 log (
∆Vcc/∆Vio)
∆V
cc= 3.5V to 5V
-65
-82
dB
Tmin. < Tamb < Tmax.
-79
PSR
Power Supply Rejection Ratio
20 log (
∆V
cc/∆Vout)
AV = +1,
∆V
cc=±100mV
at 1kHz
-50
dB
Tmin. < Tamb < Tmax.
46
ICC
Positive Supply Current
DC consumption with no input signal
No load
400
530
µA
Dynamic performance and output characteristics
ROL
Transimpedance
Output Voltage/Input Current Gain in
open loop of a CFA.
For a VFA, the analog of this feature is
the Open Loop Gain (AVD)
RL = 1k
Ω,Vout = ±1V
0.6
1.45
M
Ω
Tmin. < Tamb < Tmax.
1.36
M
Ω
Bw
-3dB Bandwidth
Frequency where the gain is 3dB below
the DC gain AV
Note:
Gain Bandwidth Product criterion is
not applicable for Current-Feedback-
Amplifiers
Small Signal Vout=20mVp-p
RL = 1k
Ω
AV = +1, Rfb = 3k
Ω
AV = +2, Rfb = 3kΩ
AV = +10, Rfb = 510Ω
80
230
120
26
MHz
Gain Flatness @ 0.1dB
Band of frequency where the gain varia-
tion does not exceed 0.1dB
Small Signal Vout=20mVp-p
AV = +2, RL = 1k
Ω
25
SR
Slew Rate
Maximum output speed of sweep in
large signal
Vout = 2Vp-p, AV = +2,
RL = 1kΩ
75
115
V/
µs
VOH
High Level Output Voltage
RL = 1kΩ
1.55
1.65
V
Tmin. < Tamb < Tmax.
1.58
VOL
Low Level Output Voltage
RL = 1kΩ
-1.66
-1.55
V
Tmin. < Tamb < Tmax.
-1.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19