| Electronic Components Datasheet Search |
|
TSH310 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH310 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 19 page ![]() December 2004 Revision 2 1/19 ■ OptimWattTM device featuring ultra-low consumption, 2mW, and low quiescent current, 400 µA ■ Bandwidth: 120MHz (Gain=2) ■ Slew rate: 115V/µs ■ Specified on 1kΩ ■ Input noise: 7.5nV/√Hz ■ Tested on 5V power supply Description The TSH310 is a very low-power, high-speed operational amplifier. A bandwidth of 120MHz is achieved while drawing only 400 µA of quiescent current. This low-power characteristic is particularly suitable for high-speed, battery- powered equipment requiring dynamic performance. The TSH310 is a single operator available in SO8 and the tiny SOT23-5 plastic package, saving board space as well as providing excellent thermal performances. Applications ■ Battery-powered and high-speed systems ■ Communication & video test equipment ■ Portable medical instrumentation ■ ADC drivers Pin Connections (top view) Order Codes Note:OptimWattTM is an STMIcroelectronics registered trademark that applies to products with specific features that optimize energy efficiency. 1 2 3 5 4 -VCC +VCC + - OUT -IN +IN SOT23-5 +VCC 1 2 3 5 4 8 7 6 NC OUT + _ -VCC NC -IN +IN SO8 NC 1 2 3 5 4 -VCC +VCC + - OUT -IN +IN SOT23-5 +VCC 1 2 3 5 4 8 7 6 NC OUT + _ -VCC NC -IN +IN SO8 NC Part Number Temperature Range Package Conditioning Marking TSH310ILT -40°C to +85°C SOT23-5 Tape&Reel K304 TSH310ID SO-8 Tube TSH310I TSH310IDT SO-8 Tape&Reel TSH310I TSH310 400 µA High-Speed Operational Amplifier |
Similar Part No. - TSH310 |
|
Similar Description - TSH310 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |